Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3643-ZWLT Datasheet(PDF) 21 Page - ams AG

Part # AS3643-ZWLT
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643-ZWLT Datasheet(HTML) 21 Page - ams AG

Back Button AS3643-ZWLT Datasheet HTML 17Page - ams AG AS3643-ZWLT Datasheet HTML 18Page - ams AG AS3643-ZWLT Datasheet HTML 19Page - ams AG AS3643-ZWLT Datasheet HTML 20Page - ams AG AS3643-ZWLT Datasheet HTML 21Page - ams AG AS3643-ZWLT Datasheet HTML 22Page - ams AG AS3643-ZWLT Datasheet HTML 23Page - ams AG AS3643-ZWLT Datasheet HTML 24Page - ams AG AS3643-ZWLT Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
20 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
pointer is not written to before the initiation of a read mode the first address that is read is the last one stored in
the register pointer. The AS3643 must receive a “not acknowledge” to end a read.
Figure 28. Data Write - Slave Receiver Mode
Figure 29. Data Read (from Current Pointer Location) - Slave Transmitter Mode
Figure 30. Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
S
0110000
0
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
A
XXXXXXXX
P
<Slave Address>
<Word Address (n)>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
Data Transferred
(X + 1 Bytes + Acknowledge)
S
0110000
1
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Slave Address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK
<Data(n+2)>
S
0110000
0
A
XXXXXXXX
A
1
A
0110000
<Slave Address>
<Word Address (n)>
<Data(n+2)>
S - Start
Sr - Repeated Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Data(n)>
<Data(n+1)>
<Data(n+X)>
Sr
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com