Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3648 Datasheet(PDF) 6 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 6 Page - ams AG

Back Button AS3648 Datasheet HTML 2Page - ams AG AS3648 Datasheet HTML 3Page - ams AG AS3648 Datasheet HTML 4Page - ams AG AS3648 Datasheet HTML 5Page - ams AG AS3648 Datasheet HTML 6Page - ams AG AS3648 Datasheet HTML 7Page - ams AG AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG AS3648 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
5 - 38
AS3648
Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
VLED_OUTC
OMP_HYST
Comparators
hysteresis
Hysteresis for comparators between
LED_OUT1 and LED_OUT2 reporting signals
led_out1above2 and led_out2above1
30
mV
VHIGH_VDS Comparator High VDS low vds and high vds comparator - see 4MHz/
1MHz Operating Mode Switching on page 11
900
mV
VLOW_VDS
Comparator Low VDS
320
ILEAK_
LED_OUT
LED_OUT1/2
Leakage Current
Pins LED_OUT1 and LED_OUT2
-1.0
0.0
+1.0
µA
Protection and Fault Detection Functions (see page 11)
VVOUTMAX
VVOUT overvoltage
protection
DCDC Converter Overvoltage Protection
5.0
5.3
5.6
V
ILIMIT
Current Limit for coil
LDCDC (Pin SW)
measured at 40%
PWM duty cycle
4
maximum 40000s
lifetime operation in
overcurrent limit
coil_peak=00b
1.8
2.0
2.23
A
coil_peak=01b
2.25
2.5
2.78
default value
coil_peak (see
page 23)=10b
2.7
3.0
3.34
coil_peak=11b
3.15
3.5
3.9
VLEDSHORT
Flash LED short
circuit detection
voltage
Voltage measured between pins VOUT1,2 and
LED_OUT1,2
1.0
V
TOVTEMP
Overtemperature
Protection
Junction temperature
144
ºC
TOVTEMPHY
ST
Overtemperature
Hysteresis
5ºC
tFLASHTIMEO
UT
Flash Timeout Timer
Can be adjusted with register
flash_timeout (page 26)
2
1280
ms
accuracy
-7.5
+7.5
%
VUVLO
Undervoltage Lockout
Falling VVIN
2.25
2.4
2.5
V
Rising VVIN
VUVLO
+0.05
VUVLO
+0.1
VUVLO
+0.15
V
Digital Interface
VIH
High Level Input
Voltage
Pins SCL, SDA.
Pin TXMASK/TORCH in external torch mode
(ext_torch_on=10)
1.26
VVIN
V
VIL
Low Level Input
Voltage
0.0
0.54
V
VIHFLASH
High Level Input
Voltage
Pin STROBE.
Pin TXMASK/TORCH for TxMask mode
(ext_torch_on=01)
5
0.7
VVIN
V
VILFLASH
Low Level Input
Voltage
0.0
0.54
V
VOL
Low Level Output
Voltage
pin SDA, IOL=3mA
0.3
V
ILEAK
Leakage current
Pins SCL, SDA
-1.0
0.0
+1.0
µA
IPD
Pulldown current to
GND
6
Pins TORCH, STROBE and TXMASK/TORCH
36
µA
tDEBTORCH
TORCH debounce
time
6.3
9
11.7
ms
tTIMEOUT
SCL timeout
In indicator, assist or flash mode, if SCL is low
longer than this timeout, the AS3648
automatically enters shutdown mode
35
100
ms
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com