Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3658B-BCTP Datasheet(PDF) 84 Page - ams AG

Part # AS3658B-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658B-BCTP Datasheet(HTML) 84 Page - ams AG

Back Button AS3658B-BCTP Datasheet HTML 80Page - ams AG AS3658B-BCTP Datasheet HTML 81Page - ams AG AS3658B-BCTP Datasheet HTML 82Page - ams AG AS3658B-BCTP Datasheet HTML 83Page - ams AG AS3658B-BCTP Datasheet HTML 84Page - ams AG AS3658B-BCTP Datasheet HTML 85Page - ams AG AS3658B-BCTP Datasheet HTML 86Page - ams AG AS3658B-BCTP Datasheet HTML 87Page - ams AG AS3658B-BCTP Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
83 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
PSRR
Power supply rejection
ratio
60
dB
f=1kHz
30
f=100kHz
IOFF
Shut down current
100
nA
IVDD
Supply current
20
µA
without load
tstart
Startup time
200
µs
Vout
Output voltage
0.75
2.20
V
Vsupply>3.0V, VCP=5.2V,
Iout<200mA
2.5
V
Vsupply>3.0V, VCP=5.2V,
Iout<100mA
Vout_tol_lv
Output voltage
tolerance
-50
50
mV
Vout<1.85V
Vout_tol_hv
Output voltage
tolerance
-60
60
mV
Vout>1.85V
VLineReg
Line regulation
-10
10
mV
Static
-50
50
Transient; Slope: tr=10µs
VLoadReg
Load regulation
-20
20
mV
Static
-50
50
Transient; Slope: tr=10µs
ILIMIT
Current limitation
400
mA
1. Guaranteed by design and verified by laboratory evaluation and characterization; not production tested
Table 81. Digital LDO (VDIG1, VDIG2, VDIG3, VDIG4) Characteristics,VSUPPLY=4V; ILOAD=200mA; Tamb=25ºC;
CLOAD =1µF (Ceramic); unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com