Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3675 Datasheet(PDF) 10 Page - ams AG

Part # AS3675
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675 Datasheet(HTML) 10 Page - ams AG

Back Button AS3675 Datasheet HTML 6Page - ams AG AS3675 Datasheet HTML 7Page - ams AG AS3675 Datasheet HTML 8Page - ams AG AS3675 Datasheet HTML 9Page - ams AG AS3675 Datasheet HTML 10Page - ams AG AS3675 Datasheet HTML 11Page - ams AG AS3675 Datasheet HTML 12Page - ams AG AS3675 Datasheet HTML 13Page - ams AG AS3675 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
9 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
8.1
Analog LDO
The LDO is a general purpose LDO and the output pin is shared with the general purpose input (GPI) connected to
VANA/GPI. The design is optimized to deliver the best compromise between quiescent current and regulator perfor-
mance for battery powered devices.
Stability is guaranteed with ceramic output capacitors (of 1µF ±20% (X5R) or 2.2µF +100/-50%(Z5U). The low ESR of
these capacitors ensures low output impedance at high frequencies. The low impedance of the power transistor
enables the device to deliver up to 150mA even at nearly discharged batteries without any decrease in performance.
The LDO is off by default after start-up.
Figure 11. Analog LDO Block Diagram
Table 5. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VBAT
Supply Voltage
Range
3.0
5.5
V
RON
On Resistance
@150mA, full operating temperature range
1.0
Ω
VDROPOUT
Dropout Voltage
@150mA, ldo_ana_lpo (see page 10)= 0
150
mV
@50mA, ldo_ana_lpo= 0
50
mV
@5mA, ldo_ana_lpo= 1
500
mV
ION
Supply Current
Without load
50
µA
Without load, ldo_ana_lpo= 1
ldo_ana only
3
With 150mA load
150
IOFF
Shutdown Current
Without load
100
nA
tstart
Start-up Time
200
µs
Vout_tol
Output Voltage
Tolerance
-3
+3
%
VOUT
Output Voltage
VBAT > 3.0V and IOUT=150mA
1.8
2.85
V
Full Programmable Range
1.8
3.35
V
ILIMIT
1
LDO Current Limit
ldo_ana_lpo= 0
Pin VANA. LDO acts as current source if the
output current exceeds ILIMIT.
300
450
2
mA
LDO Current Limit
ldo_ana_lpo= 1
VBAT-VANA
≥0.2V
4
8
mA




AS3675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com