Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3658E-BCTP Datasheet(PDF) 55 Page - ams AG

Part # AS3658E-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658E-BCTP Datasheet(HTML) 55 Page - ams AG

Back Button AS3658E-BCTP Datasheet HTML 51Page - ams AG AS3658E-BCTP Datasheet HTML 52Page - ams AG AS3658E-BCTP Datasheet HTML 53Page - ams AG AS3658E-BCTP Datasheet HTML 54Page - ams AG AS3658E-BCTP Datasheet HTML 55Page - ams AG AS3658E-BCTP Datasheet HTML 56Page - ams AG AS3658E-BCTP Datasheet HTML 57Page - ams AG AS3658E-BCTP Datasheet HTML 58Page - ams AG AS3658E-BCTP Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
54 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 20. Typical charging cycle (External linear charger or USB charger)
Table 45. Charger Characteristics VVBAT=3.0…5.5V; Tamb=–20…+85°C; unless otherwise specified
Symbol
Parameter
Min
Typ
Min
Unit
Note
Vchlimit
Voltage limit of charger
(if not in current
limitation mode)
-3%
ch_volt
age
3%
V
Max. Vsupply voltage
VCHARGER
VCHARGER operating
range
5.0
15.0
V
For input voltage higher than 15V see
above protection circuit; for chargers with
input voltages down to 4.5V see:
‘Application Note for DC/DC Step down
Charger for
Chargers Supplying 4.5V to 5.5V’
VCHDET
Charge adapter
detection threshold
50
75
105
mV
Hysteresis is > 40mV; for USB and step
down charger
VCHMIN
020
35
mV
VCHMIN_hold
Charge adapter
detection hold voltage
-5
-20
-40
mV
Vchdet falling threshold, if
VSUPPLY>4.35V for V_USB and
VCHARGER, and for V_USB, if
usb_hold_chdet=1. Warning:
Backcharging is possible if
usb_hold_chdet=1
Vchin,max
rise
Charger adapter
overvoltage threshold
rising
6.0
6.5
7.0
V
ChOVDetEn=’1’ for external linear
charger only
Vchin,max fall
Charger adapter
overvoltage threshold
falling
6.0
V
ChOVDetEn=’1’ for external linear
charger only
VBAT = 2V
VSUPPLY = 4.4V..5.0V
VCHARGER = 6V
VBAT = Vres_rise (e.g: 3.4V)
VSUPPLY = 4.4V...5.0V (isolate_bat=1)
VSUPPLY = 4.2V (isolate_bat=0)
VBAT = 4.2V
IBAT = 0mA
IBAT = TrickleCurrent (e.g 200mA)
IBAT = ConstantCurrent (e.g 700mA)
Constantvoltage
EOC
CH_DET = 0
CH_DET = 1
NO_CHARGING = 1
NO_CHARGING = 0
I2C Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com