Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3676-ZWLT Datasheet(PDF) 13 Page - ams AG

Part # AS3676-ZWLT
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676-ZWLT Datasheet(HTML) 13 Page - ams AG

Back Button AS3676-ZWLT Datasheet HTML 9Page - ams AG AS3676-ZWLT Datasheet HTML 10Page - ams AG AS3676-ZWLT Datasheet HTML 11Page - ams AG AS3676-ZWLT Datasheet HTML 12Page - ams AG AS3676-ZWLT Datasheet HTML 13Page - ams AG AS3676-ZWLT Datasheet HTML 14Page - ams AG AS3676-ZWLT Datasheet HTML 15Page - ams AG AS3676-ZWLT Datasheet HTML 16Page - ams AG AS3676-ZWLT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
12 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
To ensure soft startup of the dcdc converter, the over current limits are reduced for a fixed time after enabling the dcdc
converter. The total startup time for an output voltage of e.g. 26V is less than 2ms. If C7 and C8 are mounted and the
bit step_up_prot is set, the total startup time can exceed 2ms.
Note: If the DCDC converter is only used in current feedback mode (CURR1, CURR2 or CURR6 - and not used for a
constant voltage source), the capacitors C7 and C8 can be removed.
8.2.1
Feedback Selection
Register DCDC control1 and DCDC control2 selects the type of feedback for the Step Up DC/DC Converter.
The feedback for the DC/DC converter can be selected either by current sinks (CURR1, CURR2, CURR6) or by a volt-
age feedback at pin DCDC_FB. If the register bit step_up_fb_auto is set, the feedback path is automatically selected
between CURR1, CURR2 and CURR6 (the lowest voltage of these current sinks is used).
Setting step_up_fb enables feedback on the pins CURR1, CURR2 or CURR6. The Step Up DC/DC Converter is regu-
lated such that the required current at the feedback path can be supported. (Bit step_up_res should be set to 0 in this
configuration)
Note: Always choose the path with the highest voltage drop as feedback to guarantee adequate supply for the other
(unregulated) paths or enable the register bit step_up_fb_auto.
IDCDC_FB
Additional Tuning
Current at Pin
DCDC_FB and over
voltage protection
Adjustable by software using Register DCDC
control1
1µA step size (0-31µA)
VPROTECT = 1.25V +
IDCDC_FB * R2
031
µA
Accuracy of Feedback
Current at full scale
-6
6
%
Vrsense_max
Current Limit Voltage
at R1
e.g., 1.32A for 0.1
 sense resistor R1.92
132
170
mV
For fixed startup time of
500us
50
66
86
If step_up_lowcur= 1
60
86
114
RSW
Switch Resistance
ON-resistance of external switching transistor.
1

ILOAD
Load Current
At 26V output voltage
0
50
mA
fIN
Switching Frequency
Internally trimmed
0.9
1
1.1
MHz
COUT
Output Capacitor
Ceramic, ±20%. Use nominal 4.7µF capacitors
to obtain at least 0.7µF under all conditions
(voltage dependence of capacitors)
0.7
4.7
µF
L
Inductor
Use inductors with small Cparasitic (<100pF) to
get high efficiency.
710
13
µH
tMIN_ON
Minimum on Time
90
140
190
ns
MDC
Maximum Duty Cycle
90
%
Vripple
Voltage ripple >20kHz
Cout=4.7µF,Iout=0..45mA, VBAT=3.0...4.2V
160
mV
Voltage ripple <20kHz
40
mV
Efficiency
Efficiency
Iout=20mA,Vout=17V,VBAT=3.8V
85
%
Table 8. Step Up DC/DC Converter Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com