Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3677-ZWLT Datasheet(PDF) 21 Page - ams AG

Part # AS3677-ZWLT
Description  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677-ZWLT Datasheet(HTML) 21 Page - ams AG

Back Button AS3677-ZWLT Datasheet HTML 17Page - ams AG AS3677-ZWLT Datasheet HTML 18Page - ams AG AS3677-ZWLT Datasheet HTML 19Page - ams AG AS3677-ZWLT Datasheet HTML 20Page - ams AG AS3677-ZWLT Datasheet HTML 21Page - ams AG AS3677-ZWLT Datasheet HTML 22Page - ams AG AS3677-ZWLT Datasheet HTML 23Page - ams AG AS3677-ZWLT Datasheet HTML 24Page - ams AG AS3677-ZWLT Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
20 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.2 High Voltage Current Sinks CURR1, CURR2, CURR6
The high voltage current sinks have a resolution of 8 bits.
High Voltage Current Sinks CURR1, CURR2, CURR6 Registers
Table 20. HV Current Sinks Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IBIT7
Current sink if Bit7 = 1
For V(CURRx) > 0.45V
12.8
mA
IBIT6
Current sink if Bit6 = 1
6.4
IBIT5
Current sink if Bit5 = 1
3.2
IBIT4
Current sink if Bit4 = 1
1.6
IBIT3
Current sink if Bit3 = 1
0.8
IBIT2
Current sink if Bit2 = 1
0.4
IBIT1
Current sink if Bit1 = 1
0.2
IBIT0
Current sink if Bit0 = 1
0.1
Δm
matching Accuracy
CURR1,CURR2,CURR6
-7
+7
%
Δ
absolute Accuracy
-15
+15
%
VCURR1,2,6x
Voltage compliance
0.45
25
V
IQCURR1,2,6
Quiescent current
165
µA
Table 21. Curr1 current
Register
Addr: 09h
Curr1 current
This register controls the High voltage current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr1_current
0R/W
Defines current into current sink curr1
00h
0 mA
01h
0.1 mA
....
....
FFh
25.5 mA
Table 22. Curr2 current
Register
Addr: 0Ah
Curr2 current
This register controls the High voltage current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr2_current
0R/W
Defines current into current sink curr2
00h
0 mA
01h
0.1 mA
....
....
FFh
25.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com