Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3691 Datasheet(PDF) 7 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 7 Page - ams AG

Back Button AS3691 Datasheet HTML 3Page - ams AG AS3691 Datasheet HTML 4Page - ams AG AS3691 Datasheet HTML 5Page - ams AG AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG AS3691 Datasheet HTML 10Page - ams AG AS3691 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
6 - 22
6
Characteristics
6.1 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in Section 5
Electrical Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table
3 – Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VDDMAX
Supply for LEDs
-0.3
>17
V
See notes
1
VINVREG
VREG Supply voltage
-0.3
7.0
V
Applicable for pin VREG
VIN5V
5V Pins
-0.3
VREG+
0.3V
V
Applicable for 5V pins
2
VIN15V
15V Pins
-0.3
17
V
Applicable for CURR1, CURR2,
CURR3 and CURR4
IIN
Input Pin Current
-25
+25
mA At 25ºC, Norm: Jedec 17
TSTRG
Storage Temperature Range
-55
125
°C
Humidity
5
85
%
Non condensing
VESD
Electrostatic Discharge
-2000
2000
V
Norm: MIL 883 E Method 3015
PT
Total Power Dissipation
2.0
W
At 50ºC, no airflow for QFN24 on
two layer FR4-Cu PCB
3
PDERATE
PT Derating Factor
23
mW/
°C
See notes
3
TBODY
Body Temperature during
Soldering
260
°C
according to IPC/JEDEC J-STD-
020C
Notes:
1.
As the AS3691 is not directly connected to this supply. Only the parameters VINVREG, VIN5V and
VIN15V have to be guaranteed by the application
2.
All pins except CURR1, CURR2, CURR3 and CURR4
3.
Depending on actual PCB layout and especially number of vias below the exposed pad – see layout
recommendations; can be improved e.g. with Al-PCB or airflow
6.2 Operating Conditions
Table
4 – Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDD
Main Supply
Not
Limited
V
Supply is not directly connected to
the AS3691 – see section ‘Shunt
Regulator’
VDDTOL Main Supply Voltage Tolerance
-20
+20
%
Applies only for supply VREG is
connected via Rvdd
VREGINT
Supply (shunt regulated by
AS3691)
5.0
5.2
5.4
V
If internally (shunt-)regulated by
D1
VREGEXT
4.5
4.75
5.0
V
If externally supplied
IVREG
Supply Current
2.5
mA
Excluding current through shunt
regulator (D1) – see section
‘Shunt Regulator’
TAMB
Ambient Temperature
-20
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com