Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3930 Datasheet(PDF) 1 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 1 Page - ams AG

  AS3930_07 Datasheet HTML 1Page - ams AG AS3930_07 Datasheet HTML 2Page - ams AG AS3930_07 Datasheet HTML 3Page - ams AG AS3930_07 Datasheet HTML 4Page - ams AG AS3930_07 Datasheet HTML 5Page - ams AG AS3930_07 Datasheet HTML 6Page - ams AG AS3930_07 Datasheet HTML 7Page - ams AG AS3930_07 Datasheet HTML 8Page - ams AG AS3930_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AS3930
Single Channel Low Frequency Wakeup Receiver
www.ams.com/LF-Receiver/AS3930
Revision 1.5
1 - 32
1 General Description
The AS3930 is a single-channel low power ASK receiver that is able
to generate a wake-up upon detection of a data signal which uses a
LF carrier frequency between 110 - 150 kHz. The integrated
correlator can be used for detection of a programmable 16-bit wake-
up pattern.
The AS3930 provides a digital RSSI value, it supports a
programmable data rate. The AS3930 offers a real-time clock (RTC),
which is either derived from a crystal oscillator or the internal RC
oscillator.
The programmable features of AS3930 enable to optimize its
settings for achieving a longer distance while retaining a reliable
wake-up generation. The sensitivity level of AS3930 can be adjusted
in presence of a strong field or in noisy environments. The device is
available in a 16-pin TSSOP package.
2 Key Features

Single channel ASK wake-up receiver

Carrier frequency range 110 - 150 kHz

Programmable wake-up pattern (16bits)

Doubling of wake-up pattern supported

Wake-up without pattern detection supported

Wake-up sensitivity 100µVRMS (typ.)

Adjustable sensitivity level

Highly resistant to false wake-ups

False wake-up counter

Periodical forced wake-up supported (1s – 2h)

Low power listening modes

Current consumption in listening mode 1.37µA (typ.)

Programmable data-rate 0.5-4 kbaud (Manchester encoded)

Digital RSSI

Dynamic range 64dB

5-bit RSSI step (2dB per step)

RTC based on 32kHz XTAL, RC-OSC, or external clock

Operating temperature range -40ºC to +85ºC

Operating supply voltage 2.4 - 3.6V (TA = 25ºC)

Bi-directional serial digital interface (SDI)

Package options: 16-pin TSSOP and QFN 4x4 16 LD
3 Applications
The AS3930 is ideal for Active RFID tags, real-time location
systems, operator identification, access control, and wireless
sensors.
VCC
LF1P
NC
NC
LFN
VSS
GND
XIN
XOUT
WAKE
DAT
CS
SCL
SDI
SDO
VCC
CBAT
XTAL
CL
TX
TRANSMITTER
AS3930
Figure 1. AS3930 Typical Application Diagram with Crystal Oscillator


Similar Part No. - AS3930_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3930-BQFT AMSCO-AS3930-BQFT Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3930-BTST AMSCO-AS3930-BTST Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
More results

Similar Description - AS3930_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
logo
OPLINK Communications I...
S0188-TRPV3GER1C000E2G OPLINK-S0188-TRPV3GER1C000E2G Datasheet
271Kb / 5P
Single Channel Optical Receiver
logo
ams AG
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
Cynergy3 Co
IWR-1 CYNERGY3-IWR-1 Datasheet
263Kb / 1P
Single Channel Wireless Receiver
logo
ams AG
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com