Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5030 Datasheet(PDF) 25 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 25 Page - ams AG

Back Button AS5030_07 Datasheet HTML 21Page - ams AG AS5030_07 Datasheet HTML 22Page - ams AG AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG AS5030_07 Datasheet HTML 25Page - ams AG AS5030_07 Datasheet HTML 26Page - ams AG AS5030_07 Datasheet HTML 27Page - ams AG AS5030_07 Datasheet HTML 28Page - ams AG AS5030_07 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
25 - 44
AS5030
Datasheet - Application In formatio n
8.2.4 18-bit OTP Write Commands
During the 18bit OTP read/write transfer, each bit needs 4 clock pulses to be validated.
WRITE OTP:
non-permanent (“soft write”) modification of the OTP register. To set the reserved factory settings area properly, a preceding READ
OTP command must be made to receive the correct setting for bits D17:D10. The WRITE OTP command must then set these bits in exactly the
same way. Improper setting of the factory settings by a WRITE OTP command may cause malfunction of the chip. The OTP register, including
the factory settings can be restored to default by a power-up cycle.
For non-permanent writing, a programming voltage at pin PROG (#2) is not required. EN_PROG must be sent before WRITE_OTP to enable
OTP.
PROG OTP:
permanent modification of the OTP register. An unprogrammed OTP bit contains a ‘0, programmed bits are 1’s. It is possible to
program the OTP in several sequences. However, only a 0 can be programmed to 1. Once programmed, an OTP bit cannot be set back to 0. For
subsequent programming, bits that are already programmed should be set to 0 to avoid double programming.
During permanent programming, the factory settings D17:D10 should always be set to zero to avoid modification of the factory settings.
Modifying the factory settings may cause irreversible malfunction of the chip.
For permanent programming, a static programming voltage of 8.0-8.5V must be applied at pin PROG (#2). EN_PROG must be sent before
PROG_OTP to enable OTP.
sens
sets the sensitivity setting of the Hall elements:
00: gain factor = 1.65 (low sensitivity)
01: gain factor = 1.75
10: gain factor = 1.86
11: gain factor = 2.00 (high sensitivity)
zero position
sets the user programmable zero position; the actual angle of the magnet which is displayed as 000
Figure 21. Timing Diagram in OTP 18-bit Read/Write Mode
Command
Bin
Hex D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7
D6
D5
D4
D3
D2
D1
D0
WRITE
OTP
11111
1F
copy factory settings
obtained from READ OTP command
sens
1:0
zero position
7:0
PROG OTP 11001
19
00000000
reserved for factory settings,
sens
1:0
zero position
7:0
HI
HI
CMD0
DCLK
CS
DIO
t0
t2
t5
t3
t4
DIO
t6
Command phase
Data phase extended
D17
DIO
CMD2
D17
D16
D16
t7
t8
t11
t12
t10
READ
t13
WRITE
t1
t9
D0
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com