Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5030-ATST Datasheet(PDF) 13 Page - ams AG

Part # AS5030-ATST
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030-ATST Datasheet(HTML) 13 Page - ams AG

Back Button AS5030-ATST Datasheet HTML 9Page - ams AG AS5030-ATST Datasheet HTML 10Page - ams AG AS5030-ATST Datasheet HTML 11Page - ams AG AS5030-ATST Datasheet HTML 12Page - ams AG AS5030-ATST Datasheet HTML 13Page - ams AG AS5030-ATST Datasheet HTML 14Page - ams AG AS5030-ATST Datasheet HTML 15Page - ams AG AS5030-ATST Datasheet HTML 16Page - ams AG AS5030-ATST Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
13 - 44
AS5030
Datasheet - Detailed Descr i p ti on
7.3 Serial 3-Wire Read-only Connection
If the AS5030 is only used to provide the angular data (no power down or OTP access) this simplified connection is possible. The Chip Select
(CS) and Clock (CLK) connection is the same as in the R/W mode, but only a digital input pin (not an I/O pin) is required for the DIO connection.
As the first 5 bits of the data transmission are command bits sent to the AS5030, both the microcontroller and the AS5030 are configured as
digital inputs during this phase. Therefore, a pull-down resistor must be added to make sure that the AS5030 reads “00000” as the first 5 bits
which sets the Read_Angle command.
All further application examples are shown in R/W mode, however read-only mode is also possible, unless otherwise noted.
Figure 6. SSI Read-only Serial Data Transmission
Figure 7. Timing Diagram in 2-wire and 3-wire SSI Mode
Table 4. Serial Bit Sequence (16-bit read/write)
Read
D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
C2
lock
AGC
Angle
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
100 n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C 2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
Input
10 k ...
100 k
Output
Output
Micro
Controller
AS5030
CLK
CS
DIO
D15
t9
command phase
data phase
t10
DIO
DIO write
t1
DIO read
12
3
4
5
6
7
21
8
D12
20
D14
D13
D0
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com