Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5045 Datasheet(PDF) 29 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 29 Page - ams AG

Back Button AS5045_10 Datasheet HTML 25Page - ams AG AS5045_10 Datasheet HTML 26Page - ams AG AS5045_10 Datasheet HTML 27Page - ams AG AS5045_10 Datasheet HTML 28Page - ams AG AS5045_10 Datasheet HTML 29Page - ams AG AS5045_10 Datasheet HTML 30Page - ams AG AS5045_10 Datasheet HTML 31Page - ams AG AS5045_10 Datasheet HTML 32Page - ams AG AS5045_10 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
28 – 33
17.2 Transition Noise
Transition noise is defined as the jitter in the transition between two steps.
Due to the nature of the measurement principle (Hall sensors + Preamplifier + ADC), there is always a certain degree
of noise involved.
This transition noise voltage results in an angular transition noise at the outputs. It is specified as 0.06 degrees rms
(1 sigma)
*1 in fast mode (pin MODE = high) and 0.03 degrees rms (1 sigma)*1 in slow mode (pin MODE = low or
open).
This is the repeatability of an indicated angle at a given mechanical position.
The transition noise has different implications on the type of output that is used:
Absolute output; SSI interface:
The transition noise of the absolute output can be reduced by the user by implementing averaging of
readings. An averaging of 4 readings will reduce the transition noise by 6dB or 50%, e.g. from 0.03°rms to
0.015°rms (1 sigma) in slow mode.
PWM interface:
If the PWM interface is used as an analog output by adding a low pass filter, the transition noise can be reduced
by lowering the cutoff frequency of the filter.
If the PWM interface is used as a digital interface with a counter at the receiving side, the transition noise may
again be reduced by averaging of readings.
*1: statistically, 1 sigma represents 68.27% of readings, 3 sigma represents 99.73% of readings.
17.3 High Speed Operation
17.3.1 Sampling Rate
The AS5045 samples the angular value at a rate of 2.61k (slow mode) or 10.42k (fast mode, selectable by pin
MODE) samples per second. Consequently, the absolute outputs are updated each 384µs (96µs in fast mode).
At a stationary position of the magnet, the sampling rate creates no additional error.
Absolute Mode
At a sampling rate of 2.6kHz/10.4kHz, the number of samples (n) per turn for a magnet rotating at high speed can be
calculated by
s
rpm
n
e
slow
μ
384
60
mod
⋅
=
s
rpm
n
e
fast
μ
96
60
mod
⋅
=
The upper speed limit in slow mode is ~6.000rpm and ~30.000rpm in fast mode. The only restriction at high speed is
that there will be fewer samples per revolution as the speed increases (see Table 2).
Regardless of the rotational speed, the absolute angular value is always sampled at the highest resolution of 12 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com