Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y3RHHTG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # MSC1202Y3RHHTG4
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y3RHHTG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSC1202Y3RHHTG4 Datasheet HTML 17Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 18Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 19Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 20Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 21Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 22Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 23Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 24Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
21
Furthermore, improvements were made to peripheral
features that off-load processing from the core, and the
user, to further improve efficiency. These iprovements
allow for 32-bit addition, subtraction and shifting to be
accomplished in a few instruction cycles, compared to
hundreds of instruction cycles executed through software
implementation. For instance, 32-bit accumulation can be
done through the summation register to significantly
reduce the processing overhead for multiple-byte data
from the ADC or other sources.
Family Device Compatibility
The hardware functionality and pin configuration across
the MSC120x families are fully compatible. To the user, the
only difference between family members is the memory
configuration. This design makes migration between
family members simple. Code written for the MSC1200Y2,
MSC1201Y2, or MSC1202Y2 can be executed directly on an
MSC1200Y3, MSC1201Y3, or MSC1202Y3, respectively.
(However, the ADC registers for the MSC1202 are mapped
differently than the MSC1200 or MSC1201.) This gives the
user the ability to add or subtract software functions and to
migrate between family members. Thus, the MSC120x
can become a standard device used across several
application platforms.
Family Development Tools
The MSC120x are fully compatible with the standard 8051
instruction set. This compatibility means that users can
develop software for the MSC120x with their existing 8051
development tools. Additionally, a complete, integrated
development environment is provided with each demo
board, and third-party developers also provide support.
Power-Down Modes
The MSC120x can power several of the on-chip
peripherals and put the CPU into Idle mode. This is
accomplished by shutting off the clocks to those sections,
as shown in Figure 6.
(see Figure 9)
USEC
FB
MSECH
HMSEC
FE
MSINT
FA
ACLK
F6
divide
by 64
MSECL
FD
FC
ms
µs
100ms
Flash Write
Timing
Flash Erase
Timing
WDTCON
SECINT
F9
FF
ADCON0
DC
FTCON
[3:0]
FTCON
[7:4]
EF
EF
seconds
interrupt
watchdog
f
DATA
f
SAMP
milliseconds
interrupt
ADC Output Rate
ADCON3
ADCON2
DF
DE
Decimation Ratio
SPICON/
I2CCON 9A
C7
SCL/SCK
f
CLK
(30
µsto 40µs)
(5ms to 11ms)
PDCON.0
PDCON.1
Modulator Clock
PDCON.2
PDCON.3
IDLE
CPU Clock
Timers 0/1
SYSCLK
ADC Power Down
USART0
f
MOD
f
SYS
STOP
f
OSC
Figure 6. MSC120x Timing Chain and Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com