Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM145453V/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MM145453V/NOPB
Description  Liquid Crystal Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MM145453V/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  MM145453V/NOPB Datasheet HTML 1Page - Texas Instruments MM145453V/NOPB Datasheet HTML 2Page - Texas Instruments MM145453V/NOPB Datasheet HTML 3Page - Texas Instruments MM145453V/NOPB Datasheet HTML 4Page - Texas Instruments MM145453V/NOPB Datasheet HTML 5Page - Texas Instruments MM145453V/NOPB Datasheet HTML 6Page - Texas Instruments MM145453V/NOPB Datasheet HTML 7Page - Texas Instruments MM145453V/NOPB Datasheet HTML 8Page - Texas Instruments MM145453V/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MM145453
SNLS061C – MAY 2000 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Voltage at Any Pin, Referenced to Gnd
-0.3V to +10V
Storage Temperature
-65°C to +150°C
Power Dissipation at 25°C
350mW
Power Dissipation at 70°C
300mW
Junction Temperature
+150°C
Lead Temperature
(Soldering, 10s)
300°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to
imply that the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device
operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
Recommended Operating Conditions
VDD
3V to 10V
Operating Temperature
−40°C to 85°C
Electrical Characteristics
The following specifications apply for TA within operation range, VDD = 3.0V to 10V, VSS = 0V, unless otherwise specified.
Parameter
Conditions
Min
Typical
Max
Units
Supply Voltage, VDD
3
10
V
Average Supply Current, IDD
All Outputs Open, Clock=Gnd,
Data=Gnd,OSC=Gnd, BP_IN @ 32Hz
VDD= 5V
10
µA
VDD= 10V
40
µA
Input Logical '0' Voltage, VIL
VDD= 3V
0.4
V
VDD= 5V
0.8
V
VDD= 10V
0.8
V
Input Logical '1' Voltage, VIH
VDD= 3V
2.0
V
VDD= 5V
2.0
V
VDD= 10V
8.0
V
Segment Sink Current, IOL
VDD= 3V, VOUT= 0.3V
-20
-40
µA
Segment Source Current, IOH
VDD= 3V, VOUT= 2.7V
20
40
µA
Backplane Out Sink Current, IOL
VDD= 3V, VOUT= 0.3V
-320
-500
µA
Backplane Out Source Current,
VDD= 3V, VOUT= 2.7V
320
500
µA
IOH
Segment Output Offset Voltage
Segment Load = 250pF (1)
+/-50
mV
Backplane Output Offset Voltage
Backplane Load = 8750pF (1)
+/-50
mV
Backplane Out Frequency
ROSC_IN= 50kΩ, COSC_IN= 0.01µF
75
Hz
Clock Input Frequency, fCLOCK
(2)
VDD= 3V
(1) (3)
500
kHz
VDD= 5V
(1)
750
kHz
VDD= 10V
(1)
1.0
MHz
Clock Input Duty Cycle(2)
40
60
%
Data Input Set-Up Time, tDS
300
ns
Data Input Hold Time, tDH
300
ns
(1)
This parameter is guaranteed (but not production tested) over the operating temperature range and the operating supply voltage range.
Not to be used in Q.A. testing.
(2)
Clock input rise time (tr) and fall time (tf) must not exceed 300ns
(3)
AC input waveform for test purposes: tr≤ 20ns, tf≤ 20ns, fCLOCK= 500kHz, Duty Cycle = 50% ±10%
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: MM145453



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com