Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5261 Datasheet(PDF) 17 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 17 Page - ams AG

Back Button AS5261 Datasheet HTML 13Page - ams AG AS5261 Datasheet HTML 14Page - ams AG AS5261 Datasheet HTML 15Page - ams AG AS5261 Datasheet HTML 16Page - ams AG AS5261 Datasheet HTML 17Page - ams AG AS5261 Datasheet HTML 18Page - ams AG AS5261 Datasheet HTML 19Page - ams AG AS5261 Datasheet HTML 20Page - ams AG AS5261 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AS5261
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
16 - 32
Due to the programming over the output pin the device will initially start in the communication mode. In this mode the digital angle value can be
read with a specific protocol format. It is a bidirectional communication possible. Parameters can be written into the device. A programming of the
device is triggered by a specific command. With another command (pass2func) the device can be switched into operation mode. In case of a
programmed user lock bit the AS5261 automatically starts up in the functional operation mode. No communication of the specific protocol is
possible after this.
A standard half duplex UART protocol is used to exchange data with the device in the communication mode.
9.2.1 UART Interface for Programming
The AS5261 uses a standard UART interface with a byte for address and two bytes for the data content. The read or write mode is selected in
the first byte. An even parity for every byte. The timing (baudrate) is selected by the AS5261 over an initial command from the master. The baud
rate register can be read and overwritten. The keep synchronization it AS5261 synchronizes art every Start bit. This happens during a standard
write access 3 times.
A time out function detects not complete commands and resets the AS5261 UART after the timeout period.
9.2.2 Frame Organization
Each frame is composed by 24 bits. The first byte (Address or Command) of the frame specifies the read/write operation with the register
address or is used for a command. 16 data bits contains the communication data. There will be no operation in case of the usage of a not
specified CMD. The UART programming interface block of the AS5261 can operate in slave communication or master communication mode. In
the slave communication mode the AS5261 receives the data. The programming tool is the driver of the single communication line. In case of the
master comunication mode the AS5261 transmits data in the frame format. The single communication line can be pulled down by the AS5261.
Table 11. OTP Commands and Communication
Possible Interface
Commands
Address / Command
AS5X63 Communication
Mode
Description
WRITE
0x00-0x0F (OTP)
0x10-0x1F (SFR)
0x20-0xFF (Special Mode)
SLAVE
Write related to the address the user data
READ
0x00-0x0F (OTP)
0x10-0x1F (SFR)
0x20-0xFF (Special Mode)
SLAVE and MASTER
Read related to the address the user data
FUSE
0x22+ key
SLAVE
Command for permanent programming
PASS2FUNC
0x23+ key
SLAVE
Change operation mode from communication to
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com