Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5263 Datasheet(PDF) 24 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 24 Page - ams AG

Back Button AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG AS5263 Datasheet HTML 25Page - ams AG AS5263 Datasheet HTML 26Page - ams AG AS5263 Datasheet HTML 27Page - ams AG AS5263 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
23 - 37
AS5263
Datasheet - Application In form atio n
8.1.5 READ128
Figure 19 illustrates the format of the frame and the command.
Figure 19. Frame Organization of the READ128 Command
The command is composed by a first frame transmitted to the AS5263. The device is in slave communication mode. The device remains for the
time TSWITCH in IDLE mode before changing into the master communication mode. The AS5263 starts to send 8 frames. This command will read
the SFRs. The numbering of the data bytes correlates with the address of the related SFR.
An even parity bit is used to guarantee a correct data transmission. Each parity (P) is related to the frame data content of the 16 bit word. The
MSB of the CMD dummy (P) is reserved for the parity information.
DO NOT CARE
DO NOT CARE
CMD
LSB
MSBLSB
MSBLSB
MSB
01
10
DATA1
DATA0
CMD DUMMY
LSB
MSB LSB
MSB
P
00
0
DATA3
DATA2
LSB
MSB LSB
MSB
DATA5
DATA4
LSB
MSB LSB
MSB
DATA7
DATA6
LSB
MSB LSB
MSB
DATA9
DATA8
LSB
MSB LSB
MSB
DATA11
DATA10
LSB
MSB LSB
MSB
DATA13
DATA12
LSB
MSB LSB
MSB
DATA15
DATA14
LSB
MSB LSB
MSB
CMD DUMMY
P
00
0
CMD DUMMY
P
00
0
CMD DUMMY
P
00
0
CMD DUMMY
P
00
0
CMD DUMMY
P
00
0
CMD DUMMY
P
00
0
CMD DUMMY
P
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com