Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8220 Datasheet(PDF) 5 Page - ams AG

Part # AS8220
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220 Datasheet(HTML) 5 Page - ams AG

  AS8220 Datasheet HTML 1Page - ams AG AS8220 Datasheet HTML 2Page - ams AG AS8220 Datasheet HTML 3Page - ams AG AS8220 Datasheet HTML 4Page - ams AG AS8220 Datasheet HTML 5Page - ams AG AS8220 Datasheet HTML 6Page - ams AG AS8220 Datasheet HTML 7Page - ams AG AS8220 Datasheet HTML 8Page - ams AG AS8220 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
4 - 33
AS8220A
Objective Data Sheet - Pin Assignments
4 Pin Assignments
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
Figure 2. Pin Assignments SSOP14 Package
Pin Descriptions
VIO
1
I/O supply voltage
TxD
2
Transmit data input
TxEN
3
Transmitter enable input
RxD
4
Receive data output
BGE
5
Bus guardian enable input
STBN
6
Standby input
ERRN
10
Error diagnosis output
GND
11
Ground
BM
12
Bus line Minus
BP
13
Bus line Plus
VCC
14
Supply Voltage
AS8220A
1
2
3
4
5
6
7
10
14
13
12
11
TxD
TxEN
RxD
BGE
STBN
BP
BM
GND
ERRN
9
8
VIO
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com