Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPP3095 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPP3095
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP3095 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPP3095_10 Datasheet HTML 1Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 2Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 3Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 4Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 5Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 6Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 7Page - SYNC POWER Crop. SPP3095_10 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2010/06/01
Ver.4
Page 3
SPP3095
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless o
therwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-30
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=-250uA
-1.0
-3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=-24V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
TJ=85℃
-5
uA
VGS=-10V,ID=-8A
0.083
0.100
Drain-Source On-Resistance
RDS(on)
VGS=-4.5V,ID=-6A
0.130
0.150
Forward Transconductance
gfs
VDS=-10V,ID=-8A
8
S
Diode Forward Voltage
VSD
IS=-2.5A,VGS =0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
5.8
10
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
VDS=-15V,VGS=-10V
ID≡-8A
1.5
nC
Input Capacitance
Ciss
226
Output Capacitance
Coss
87
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V
f=1MHz
19
pF
td(on)
9
20
Turn-On Time
tr
9
20
td(off)
18
35
Turn-Off Time
tf
VDD=-15V,RL=15Ω
ID≡-1.0A,VGEN=-10V
RG=6Ω
6
20
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com