Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MN745 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MN745
Description  Phase Locked Voltage Controlled SAW Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN745 Datasheet(HTML) 1 Page - API Technologies Corp

  MN745 Datasheet HTML 1Page - API Technologies Corp MN745 Datasheet HTML 2Page - API Technologies Corp MN745 Datasheet HTML 3Page - API Technologies Corp MN745 Datasheet HTML 4Page - API Technologies Corp MN745 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MN745-0640.00-10.00
Preliminary Specifications
Revision 060506
Spectrum Microwave
324 Clark Street Worcester, MA 01606
Phone: 508-852-5400
MN745-0640.00-10.00
Phase Locked Voltage Controlled SAW Oscillator
The MN745-0640.00-10.00 Phase Locked
Voltage Controlled SAW Oscillator (VCSO) is a
member of Spectrum Microwave’s MN745 series
of high performance low noise phase locked SAW
oscillators designed for the military applications.
The design is based upon a fundamental VCSO
in the 375 MHz to 750 MHz frequency range.
The phase lock loop bandwidth can be
optimized for phase noise and vibration
sensitivity.
The MN745 series of phase locked VCSOs
accepts external reference frequencies up to 32
MHz.
Combines the high fundamental frequency
and low noise of a SAW Oscillator with the
frequency stability of a user applied
reference.
Low Phase Noise (10 kHz loop bandwidth)
o -112 dBc/Hz at 1 kHz
o -115 dBc/Hz at 10 kHz
Low vibration sensitivity
o .05x10
-9 per g (FVIB < 1 kHz)
-40°C to 85°C operating range
Local Oscillators
Low Noise Clocks
Reference Frequency Multiplier
Operating Temperature: -40°C to 85°C
Storage Temperature: -55°C to 125°C
Power Supply Voltage: 6V
DESCRIPTION
FEATURES
APPLICATIONS
ABSOLUTE MAX RATINGS
www.SpectrumMicrowave.com


Similar Part No. - MN745

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN725 APITECH-MN725 Datasheet
682Kb / 4P
Product Data Sheet Revision 022210
MN725-0400 APITECH-MN725-0400 Datasheet
682Kb / 4P
Voltage Controlled SAW Oscillator
MN725-0400.0000 APITECH-MN725-0400.0000 Datasheet
682Kb / 4P
Product Data Sheet Revision 022210
MN725-0500 APITECH-MN725-0500 Datasheet
183Kb / 4P
Voltage Controlled SAW Oscillator
MN725-0500.0000 APITECH-MN725-0500.0000 Datasheet
183Kb / 4P
Product Data Sheet Revision 032510
More results

Similar Description - MN745

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611231 SPECTRUM-611231 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611233 SPECTRUM-611233 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611234 SPECTRUM-611234 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611236 SPECTRUM-611236 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611238 SPECTRUM-611238 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com