Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25256 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25256
Description  SPI Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25256 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25256 Datasheet HTML 1Page - ATMEL Corporation AT25256 Datasheet HTML 2Page - ATMEL Corporation AT25256 Datasheet HTML 3Page - ATMEL Corporation AT25256 Datasheet HTML 4Page - ATMEL Corporation AT25256 Datasheet HTML 5Page - ATMEL Corporation AT25256 Datasheet HTML 6Page - ATMEL Corporation AT25256 Datasheet HTML 7Page - ATMEL Corporation AT25256 Datasheet HTML 8Page - ATMEL Corporation AT25256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
* Note: Pins 3, 4 and 17, 18 are internally connected for 14-lead TSSOP socket compatibility.
SPI Serial
E
2PROMs
128K (16384 x 8)
AT25128
Preliminary
Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low Voltage and Standard Voltage Operation
5.0 (VCC = 4.5V to 5.5V)
2.7 (VCC = 2.7V to 5.5V)
1.8 (VCC = 1.8V to 3.6V)
• 2.1 MHz Clock Rate
• 32-Byte Page Mode
• Block Write Protection
Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for
Both Hardware and Software Data Protection
• Self-Timed Write Cycle (5 ms Typical)
• High Reliability
Endurance: 100,000 Cycles
Data Retention: 100 Years
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin PDIP, 14-pin, 16-pin JEDEC SOIC, and 20-Pin TSSOP Packages
Description
The AT25128 provides 131,072 bits of serial electrically erasable programmable read
only memory (EEPROM) organized as 16,384 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low power
and low voltage operation are essential. The AT25128 is available in space saving
8-pin PDIP, JEDEC SOIC, and 14-pin and 20-pin TSSOP packages.
(continued)
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
NC
No Connect
DC
Don’t Connect
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-Pin PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CS
SO
NC
NC
NC
WP
GND
VCC
HOLD
NC
NC
NC
SCK
SI
14-Pin SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CS
SO
NC
NC
NC
NC
WP
GND
VCC
HOLD
NC
NC
NC
NC
SCK
SI
16-Lead SOIC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
CS
SO
SO
NC
NC
WP
GND
DC
NC
NC
VCC
HOLD
HOLD
NC
NC
SCK
SI
DC
NC
20-Lead TSSOP*


Similar Part No. - AT25256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256 ATMEL-AT25256 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25256-10CI-1.8 ATMEL-AT25256-10CI-1.8 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25256-10CI-2.7 ATMEL-AT25256-10CI-2.7 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25256-10PI-1.8 ATMEL-AT25256-10PI-1.8 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25256-10PI-2.7 ATMEL-AT25256-10PI-2.7 Datasheet
432Kb / 22P
SPI Serial EEPROMs
More results

Similar Description - AT25256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
SPI Serial EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com