Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSL1412S Datasheet(PDF) 11 Page - ams AG

Part # TSL1412S
Description  1536X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1412S Datasheet(HTML) 11 Page - ams AG

Back Button TSL1412S Datasheet HTML 5Page - ams AG TSL1412S Datasheet HTML 6Page - ams AG TSL1412S Datasheet HTML 7Page - ams AG TSL1412S Datasheet HTML 8Page - ams AG TSL1412S Datasheet HTML 9Page - ams AG TSL1412S Datasheet HTML 10Page - ams AG TSL1412S Datasheet HTML 11Page - ams AG TSL1412S Datasheet HTML 12Page - ams AG TSL1412S Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TSL1412S
1536 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS045F − APRIL 2007
10
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL INFORMATION
TOP VIEW
Cover Glass
(Index of Refraction = 1.52)
113
Bonded Chip
Bypass Cap
DETAIL A
DETAIL A
0.100 (2,54)
BSC
0.100 (2,54) x 12 = 1.2 (30,48)
(Tolerance Noncumulative)
Cover Glass
0.027 (0,690)
4,089 (103,86)
4.079 (103,60)
0.455 (11,557)
0.445 (11,303)
0.242 (6,15)
0.222 (5,64)
1.318 (33,477)
1.328 (33,730)
1.455 (36,95)
1.445 (36,70)
0.130 (3,30)
0.120 (3,05)
0.048 (1,22)
0.038 (0,97)
3.995 (101,47)
4.005 (101,72)
0.021 (0,533) DIA
13 Places
0.228 (5,79)
0.208 (5,28)
Linear Array
0.095 (2,41)
0.080 (2,03)
1.377 (34,975)
1.357 (34,467)
0.015 (0,38) Typical Free Area
0.100 (2,540)
0.090 (2,285)
Centerline
of Pixels
0.047 (1,194)
0.037 (0,940)
0.055 (1,340)
0.045 (1,143)
Pixel 1
0.510 (12,95)
0.490 (12,45)
0.0563 (1,430)
0.0461 (1,171)
Dia. 2 places
0.047 (1,194)
0.037 (0,940)
NOTES: A. All linear dimensions are in inches (millimeters).
B. Cover glass index of refraction is 1.52.
C. The gap between the individual sensor dies in the array is 57 μm typical (51 μm minimum and 75 μm maximum).
D. This drawing is subject to change without notice.
Figure 10. TSL1412S Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com