Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G8JN-1C7T-R-DC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8JN-1C7T-R-DC12
Description  Automotive Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8JN-1C7T-R-DC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8JN-1C7T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 5Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Automotive Relay
G8JN
■ Characteristics
Note: Data shown are of initial value.
Dimensions
Unit: mm (inch)
■ SPDT Plug-in Type
G8JN-1C7T-
@@@
Operate time at 23
° C
20 ms max @ 12 VDC
Release time at 23
° C
10 ms max @ 12 VDC
Insulation resistance
> 20 MΩ @500 VDC
Shock resistance
10G min.
Vibration resistance
9G min.
Duty cycle at rated load [16V at 80
° C]
Up to 100%
Mechanical life
1,000,000 operations min.
Electrical life (resistive load)
100,000 operations minimum (14V / 35A)
Operating ambient temperature
-40
° to 125° C
Weight
Approx. 34g
Circuit Diagram
Resistor
optional
28.0
(1.10)
16.8
(.66)
16
(.63)
25
±.40
(.98
±.016)
11(.43)
dia. 7.0
25
±.40
(.98
±.016)
11(.43)
Standard Package
Plastic Bracket Optional
30 85
86 87 87a
7.9 (.31)
17.90 (.70)
10.35 (.41)
8.35 (.33)
28 (1.10)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com