Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA2500 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Spectrum Analyzer — H500 / SA2500
Ordering Information
Product
Description
H500
Real-time spectrum analyzer with DPX™ Live RF spectrum display of 125 µs minimum signal duration for 100% Probability of Intercept (POI) and signal classification
capability.
Includes
User Manual (in PDF format), Installation Software, AC Power Adapter, Lithium-ion Battery, GPS Antenna, Flexible
monopole antenna, Type-N (m) to BNC (f) adapter, USB A-B cable, Tilt Stand, Soft Carry Case, Audio Jack Mute Plug
(mute all audio output from the instrument speaker), Three-year Warranty
SA2500
Real-time spectrum analyzer with DPX™ Live RF spectrum display of 500 µs minimum signal duration for 100% Probability of Intercept (POI).
Includes
User Manual (in PDF format), Installation Software, AC Power Adapter, Lithium-ion Battery, GPS Antenna, Flexible
monopole antenna, Type-N (m) to BNC (f) adapter, USB A-B cable, Tilt Stand, Soft Carry Case, Audio Jack Mute Plug
(mute all audio output from the instrument speaker), Three-year Warranty
Option EP1
Enhances SA2500 DPX™ Live RF spectrum display to 10,000 spectrums/sec and 125 µs minimum signal duration for
100% Probability of Intercept (POI)
Option EP2
Enhances SA2500 by adding signal classification to the Spectrum Notes capability. Provides capability to notate
regions of RF spectrum. Provides capability to compare bandwidth, channel frequency, etc., to internal tables of
standards. Can save a mask (stored display) of user-generated mask to enable spectrum violation measurement.
Provides database to store these notation results, along with GPS location and time.
Language Options
Option
Description
L0
English manual
L99
No manual
Power Options
Option
Description
A0
North America
A1
Universal EURO
A2
United Kingdom
A3
Australia
A5
Switzerland
A6
Japan
A10
China
A11
India
A12
Brazil
A99
No Power Cord or AC Adapter
Service Options
Option
Description
G3
Complete Care 3 Years (includes loaner, scheduled
calibration and more). H500 only
G5
Complete Care 5 Years (includes loaner, scheduled
calibration and more). H500 only.
R3
Repair Service 3 Years
R5
Repair Service 5 Years
C3
Calibration Service 3 Years
C5
Calibration Service 5 Years
D1
Calibration Data Report
D3
Calibration Data Report 3 Years (with Option C3)
D5
Calibration Data Report 5 Years (with Option C5)
www.tektronix.comproducts/rsa 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com