Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT27C256R-45PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C256R-45PC
Description  256K 32K x 8 OTP CMOS EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C256R-45PC Datasheet(HTML) 9 Page - ATMEL Corporation

  AT27C256R-45PC Datasheet HTML 1Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 2Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 3Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 4Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 5Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 6Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 7Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 8Page - ATMEL Corporation AT27C256R-45PC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
28P6
28 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28R
28 Lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28 Lead, Plastic Thin Small Outline Package (TSOP)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
20
0.1
AT27C256R-15JC
32J
Commercial
AT27C256R-15PC
28P6
(0
°C to 70°C)
AT27C256R-15RC
28R
AT27C256R-15TC
28T
20
0.1
AT27C256R-15JI
32J
Industrial
AT27C256R-15PI
28P6
(-40
°C to 85°C)
AT27C256R-15RI
28R
AT27C256R-15TI
28T
Ordering Information (Continued)
AT27C256R
3-133



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com