Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT27C080-90PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C080-90PI
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-90PI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C080-90PI Datasheet HTML 1Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 2Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 3Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 4Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 5Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 6Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 7Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 8Page - ATMEL Corporation AT27C080-90PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT27C080
1
0360F-B–7/97
8-Megabit
(1M x 8)
UV Erasable
CMOS EPROM
AT27C080
Features
• Fast Read Access Time - 90 ns
• Low Power CMOS Operation
- 100
µA max. Standby
- 40 mA max. Active at 5 MHz
• JEDEC Standard Packages
- 32 Lead PLCC
- 32-Lead 600-mil PDIP and Cerdip
- 32-Lead 450-mil SOIC (SOP)
- 32-Lead TSOP
• 5V
± 10% Supply
• High-Reliability CMOS Technology
- 2,000V ESD Protection
- 200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 50
µs/byte (typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Industrial and Commercial Temperature Ranges
Description
The AT27C080 chip is a low-power, high-performance 8,388,608-bit ultraviolet eras-
able programmable read only memory (EPROM) organized as 1M by 8 bits. The
AT27C080 requires only one 5V power supply in normal read mode operation. Any
byte can be accessed in less than 90 ns, eliminating the need for speed reducing
WAIT states on high-performance microprocessor systems.
Atmel’s scaled CMOS technology provides low active power consumption and fast
programming. Power consumption is typically 10 mA in active mode and less than 10
µA in standby mode.
(continued)
Pin Configurations
Pin Name
Function
A0 - A19
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
PLCC Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE/VPP
A10
CE
07
CDIP, PDIP, SOIC Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A19
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A18
A17
A14
A13
A8
A9
A11
OE/VPP
A10
CE
07
06
05
04
03
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
A18
VCC
A19
A16
A15
A12
A7
A6
A5
OE/VPP
A10
CE
07
06
05
04
03
GND
02
01
O0
A0
A1
A2
A3
A4


Similar Part No. - AT27C080-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080-90PI ATMEL-AT27C080-90PI Datasheet
352Kb / 14P
8-Megabit (1M x 8) OTP EPROM
More results

Similar Description - AT27C080-90PI

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
logo
Winbond
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
8-Megabit (1M x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com