Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF6A6.8FUT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # DF6A6.8FUT2G
Description  Quad Array for ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF6A6.8FUT2G Datasheet(HTML) 2 Page - ON Semiconductor

  DF6A6.8FUT2G Datasheet HTML 1Page - ON Semiconductor DF6A6.8FUT2G Datasheet HTML 2Page - ON Semiconductor DF6A6.8FUT2G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DF6A6.8FUT
http://onsemi.com
2
V−I Curve
IF
V
I
IR
IT
VRWM
VBR
VF
ELECTRICAL CHARACTERISTICS
Device
Device
Marking
Breakdown Voltage
VBR @ 5 mA (Volts)
Leakage Current
IRM @ VRWM = 5 V
Typical
Capacitance
@ 0 V Bias
Max
VF @ IF = 10 mA
Max
ZZ @
5 mA
Max
ZZK @
0.5 mA
Min
Nom
Max
(mA)
(pF)
(V)
(W)
(W)
DF6A6.8FUT1G
68
6.4
6.8
7.2
1.0
40
1.25
30
300
DF6A6.8FUT2G
68
6.4
6.8
7.2
1.0
40
1.25
30
300
Figure 1. 8 × 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
Figure 2. Capacitance
45
40
35
30
50
25
15
20
10
01
3
5
BIAS VOLTAGE (VOLTS)
4
2
Figure 3. Forward Voltage
Figure 4. Clamping Voltage versus Peak
Pulse Current
0.6
0.7
0.8
0.9
VF, FORWARD VOLTAGE (VOLTS)
10
1
8
9
10
12
VC, CLAMPING VOLTAGE (VOLTS)
1.0
1.1
1.2
11
8 x 20 ms per Figure 1
0.0001
0.01
0.1
1
0.001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com