Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV19W-G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19W-G
Description  High Voltage Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19W-G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV19W-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19W-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CREAT B
PART NO.
PART NO.
BAV19W-G
BAV19W-G
BAV19W-G
BAV19W-G
DIMENSIONS
Min
Max
Min
Max
A
1.4
1.8
0.055
0.071
B
3.55
3.85
0.140
0.152
C
0.45
0.7
0.018
0.028
D
2.55
2.85
0.100
0.112
E
0.95
1.35
0.037
0.053
F
0.05
0.15
0.002
0.006
G
H
-
0.1
-
0.004
A
B
C
D
Document Number:DS_S1310006
Version : A13
Note 1 : "xx" defines voltage from 150V (BAV19W-G) to 200V (BAV21W-G)
0.5 REF
0.02 REF
1.22
0.048
BAV19W-G/BAV20W-G/BAV21W-G
Taiwan Semiconductor
BAV19W-G RB
RB
N0
BAV19W-G RBG
RB
G
N0
Green compound
BAV19W-G RB
RB
BAV19W-G RBG
RB
G
Green compound
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
MANUFACTURE
CODE
DESCRIPTION
BAVxxW-G
(Note 1)
Suffix "G"
SOD-123
(Note 2)
RB
3000 / 7" Reel
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
MANUFACTURE
CODE
DIM.
Unit(mm)
Typ.
Unit(inch)
Typ.
0.093
0.165
0.036
Small Signal Product
Unit(mm)
Unit(inch)
DIM.
Suggested PAD Layout
2.36
4.19
0.91



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com