Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT43311 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43311
Description  USB Hub
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43311 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43311 Datasheet HTML 16Page - ATMEL Corporation AT43311 Datasheet HTML 17Page - ATMEL Corporation AT43311 Datasheet HTML 18Page - ATMEL Corporation AT43311 Datasheet HTML 19Page - ATMEL Corporation AT43311 Datasheet HTML 20Page - ATMEL Corporation AT43311 Datasheet HTML 21Page - ATMEL Corporation AT43311 Datasheet HTML 22Page - ATMEL Corporation AT43311 Datasheet HTML 23Page - ATMEL Corporation AT43311 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AT43311
21
Absolute Maximum Ratings
DC Characteristics
The values shown in this table are valid for T
A = 0°C to 85°C, VCC5 = 4.4 to 5.25V, VCC3 = 3V ± 5%, unless otherwise noted.
Power Supply
USB Signals: DPx, DMx
PWR[1:4], STAT[1:4]
Operating Temperature .....................-55°C to +125°C
*NOTICE:
Stresses beyond those listed below may cause
permanent damage to the device. This is a stress
rating only and functional operation of the device
at these or any other conditions beyond those
indicated in the operational sections of this spec-
ification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
Storage Temperature ........................-65°C to +150°C
Voltage on any pin with
Respect to Ground ................................. -0.5V to 7.0V
Maximum Operating Voltage ................................6.6V
DC Output Current ............................................16 mA
Symbol
Parameter
Condition
Min
Max
Unit
VCC5,VCCA
5V Power Supply
4.40
5.25
V
VCC3
3V Power Supply
3.15
3.45
V
ICC5
5V Supply Current
100
mA
ICC3
3V Supply Current
250
µA
ICCS
Suspended Device Current
250
µA
Symbol
Parameter
Condition
Min
Max
Unit
I
LO
Hi-Z Data Line Leakage
0V < V
IN < 3.3V
-10
+10
µA
V
DI
Differential Input Sensitivity
DPx and DMx
0.2
V
V
CM
Differential Common Mode
Range
0.8
2.5
V
V
SE
Single Ended Receiver
Threshold
0.8
2.0
V
VOL1
Static Output Low Voltage
RL of 1.5K
Ω to 3.6V
0.3
V
VOH1
Static Output High Voltage
RL of 15K
Ω to GND
2.8
3.6
V
Symbol
Parameter
Condition
Min
Max
Unit
V
OL1
Output Low Level, STAT[1:4]
I
OL = 8 mA
0.5
V
V
OH1
Output High Level, STAT[1:4]
I
OH = 8 mA
V
CC5 - 0.5V
V
V
OL2
Output Low Level, PWR[1:4]
I
OL = 4 mA
0.5
V
C
OUT
Output capacitance
1 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com