Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASTMB545 Datasheet(PDF) 15 Page - ITT Industries

Part # ASTMB545
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB545 Datasheet(HTML) 15 Page - ITT Industries

Back Button ASTMB545 Datasheet HTML 11Page - ITT Industries ASTMB545 Datasheet HTML 12Page - ITT Industries ASTMB545 Datasheet HTML 13Page - ITT Industries ASTMB545 Datasheet HTML 14Page - ITT Industries ASTMB545 Datasheet HTML 15Page - ITT Industries ASTMB545 Datasheet HTML 16Page - ITT Industries ASTMB545 Datasheet HTML 17Page - ITT Industries ASTMB545 Datasheet HTML 18Page - ITT Industries ASTMB545 Datasheet HTML 19Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
15
4. VERIFICATION
4.1 Classification of inspections. The inspections specified herein are classified as follows:
a. Qualification inspection (see 4.3).
b. Conformance inspection(see 4.4).
4.2 Inspection conditions. Unless otherwise specified herein, all inspections shall be performed in accordance with
the test conditions specified in the "GENERAL REQUIREMENTS" of MIL-STD-202 and EIA-364.
4.2.1 Test equipment and inspection facilities. Test and measuring equipment and inspection facilities of sufficient
accuracy, quality and quantity to permit performance of the required inspection shall be established and maintained by
the contractor. The establishment and maintenance of a calibration program to control the accuracy of the measuring
and test equipment (i.e. NCSL Z540.3, ISO 10012 or comparable standards) shall be required.
4.2.2 Assembly plants. Assembly plants must be listed on or approved for listing on the applicable Qualified
Products List (QPL). The qualified connector manufacturer shall certify that the assembly plant is approved for the
distribution of the manufacturer's parts. The assembly plant shall use only piece parts supplied by the qualified
connector manufacturer. No testing other than visual inspection is required of certified piece parts obtained from the
qualified connector manufacturer, except when there is cause for rejection. All assemblies produced at the assembly
plant shall be subjected to inspection of product to assure that the assembly process conforms with established at the
qualified manufacturing plant. Quality control requirements, including Government inspection surveillance, shall be the
same as required for the qualified connector manufacturer.
4.2.3 Established reliability and high reliability practice. An established reliability and high reliability practice shall
be maintained in accordance with MIL-STD-790. Evidence of such compliance shall be verified by the qualifying
activity of this specification as a prerequisite for initial and continued qualification.
4.3 Qualification inspection. Qualification inspection shall be performed at a laboratory acceptable to the
Government (see 6.3) on sample units produced with equipment and procedures normally used in production. Use of
alternate materials, platings, and processes shall be identified in the product test documentation (see 3.3.1).
4.3.1 Sample size.
4.3.1.1 Connectors. A minimum of 6 completely assembled plugs and receptacles of each class (1.3.1) of each
type (1.3.3), and of each style (1.3.2), with the largest insert arrangement for which qualification is desired shall be
subjected to the examinations and tests, except for thermal vacuum outgassing, in the sequence shown in table XI.
For classes D, K, and M, all the nonmetallic materials, including lubricants, of two additional connectors shall be
subjected to the thermal vacuum outgassing test. If classes G and N or M and D are being qualified at the same time,
a minimum of three completely assembled plugs and receptacles with the insert arrangement of the largest size
connector of the type (1.3.3) with the same style of termination (1.3.2), and each class (classes G and N, 3 class G, 3
class N; classes D and M, 3 class M, 3 class D) shall be subjected to the examinations and tests, except for thermal
vacuum outgassing, in the sequence shown in table XI. For classes D and M, all the nonmetallic materials, including
lubricants, of one additional connector of each class shall be subjected to the thermal vacuum outgassing test. The
connectors shall have a full complement of contacts. Half of the class H and class K contacts shall have solder cups
and the remainder shall have eyelets. The samples subjected to qualification testing shall be provided with
counterpart connectors for those tests requiring mating assemblies. The counterpart connectors provided for this
purpose shall be new, previously qualified connectors or new connectors submitted for qualification testing. Suppliers
not producing mating connectors shall submit substantiating, certification data that tests were performed with qualified
counterpart connectors. The samples shall be taken from a production run and shall be produced with equipment and
procedures normally used in production.
4.3.1.1.1 Printed wiring board connectors. When qualifying plugs and receptacles of printed wiring board
termination types, both the plug and receptacle shall be mounted to printed wiring boards and test as mated
connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com