Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSM9JL Datasheet(PDF) 8 Page - Tyco Electronics

Part # FSM9JL
Description  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM9JL Datasheet(HTML) 8 Page - Tyco Electronics

  FSM9JL Datasheet HTML 1Page - Tyco Electronics FSM9JL Datasheet HTML 2Page - Tyco Electronics FSM9JL Datasheet HTML 3Page - Tyco Electronics FSM9JL Datasheet HTML 4Page - Tyco Electronics FSM9JL Datasheet HTML 5Page - Tyco Electronics FSM9JL Datasheet HTML 6Page - Tyco Electronics FSM9JL Datasheet HTML 7Page - Tyco Electronics FSM9JL Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
E10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSMJSMA Series
Tactile Switches, .236 [6] x .236 [6], Surface Mount
.236
(6.0)
.138
(3.5)
DIA.
.442
(11.2).276
(7.0)
.083
(2.10)
.122
(3.0)
.232
(5.9)
“A”
“B”
.055
(1.3)
.010
(0.25)
.178
(4.52)
.028
(3.25)
.394
(10.0)
.031
(7.8)
.016
(0.40)
.142
(3.60)
SQ.
1
2
3
4
TERMINAL NOS.
FSMJSMA
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver plate
Case..........................................PPS
Actuator Button ......................PPS
Cover........................................Steel, tin plate
Terminals ................................Copper alloy, silver plate
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............ -4°F to +185°F (-20°C to + 85°C)
Storage Temperature................-22°F to +185°F (-30°C to +85°C)
Solder Heat Resistance ............IR Soldering EIA-364-56
Procedure 5 Level 3, 500°F (260°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC for 1 minute
Actuation Force ......................See Below
Actuator Travel........................ .010"(.254)
Life Expectancy ......................Up to 100,000 Cycles
6 x 6 mm
Bulk Pack
Tape & Reel
Actuator
Switch
Actuation
Part Number
Part Number
Length
Height
Force
Tyco Electronics
Alcoswitch
Tyco Electronics
Alcoswitch
Dimension A
Dimension B
2-1437565-7
FSM2JSMA
3-1437565-0
FSM2JSMATR
.028 (0.70)
.169 (4.30)
160 ± 50 grams
4-1437565-1
FSM4JSMA
4-1437565-2
FSM4JSMATR
.055 (1.40)
.196 (5.00)
160 ± 50 grams
4-1437565-9
FSM6JSMA
5-1437565-0
FSM6JSMATR
.134 (3.40)
.276 (7.00)
160 ± 50 grams
2-1437565-8
FSM2JSMAA
2-1437565-9
FSM2JSMAATR
.028 (0.70)
.169 (4.30)
260 ± 50 grams
1571563-1
FSM4JSML
1571563-2
FSM4JSMLTR
.055 (1.40)
.196 (5.00)
100 ± 50 grams
1571563-3
FSM4JSMAA
1571563-4
FSM4JSMAATR
.055 (1.40)
.196 (5.00)
260 ± 50 grams
—
FSM6JSMAA
—
FSM6JSMAATR
.134 (3.40)
.276 (7.00)
260 ± 50 grams
3-1437566-8
FSM8JSMA
—
FSM8JSMATR
.232 (5.90)
.374 (9.50)
260 ± 50 grams
1571527-1
FSM2JSML
1571527-2
FSM2JSMLTR
.028 (0.70)
.169 (4.30)
100 ± 50 grams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com