Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSM15JAA Datasheet(PDF) 2 Page - Tyco Electronics

Part # FSM15JAA
Description  Tactile Switches, .138 [3.5] x .236 [6], Through Hole
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FSM15JAA Datasheet(HTML) 2 Page - Tyco Electronics

  FSM15JAA Datasheet HTML 1Page - Tyco Electronics FSM15JAA Datasheet HTML 2Page - Tyco Electronics FSM15JAA Datasheet HTML 3Page - Tyco Electronics FSM15JAA Datasheet HTML 4Page - Tyco Electronics FSM15JAA Datasheet HTML 5Page - Tyco Electronics FSM15JAA Datasheet HTML 6Page - Tyco Electronics FSM15JAA Datasheet HTML 7Page - Tyco Electronics FSM15JAA Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FSMJ Series
E4
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
Tactile Switches, .236 [6] x .236 [6], Through Hole
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, silver plate
Case..........................................Polyamide
Actuator Button ......................Polyacetal Resin
Frame ......................................Steel, tin plate
Terminals ................................Copper alloy, silver plate
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............-40°F to +221°F (-40°C to +105°C)
Storage Temperature................-40°F to +221°F (-40°C to +105°C)
Solder Heat Resistance ............See Page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50 mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC
Actuation Force ......................See page E5
Actuator Travel........................ .012" (0,3)
Electrostatic Discharge
w/ESD Ground Terminal ........5Kv w/no discharge
Life Expectancy ......................Up to 100,000 Cycles
.177
± .004
(4.50
± 0.10)
.161
± .004
(4.10
± 0.10)
.256
± .012
(6.50
± 0.30)
.128
± .006
(3.25
± 0.15)
.039
± .002 DIA
(1.00
± 0.05) TYP.
THIS HOLE FOR
GROUNDING TERMINAL
.028
(0.71)
.177
(4.49)
.012
(0.30)
.161
(4.08)
ESD GROUNDING
TERMINAL
.236
(5.99)
.059
(1.49)
.138
(3.50)
.138
(3.50)
“
A”
.071
(1.80)
.142
(3.60)
.311
(7.90)
.028
(0.71)
.142
(3.60)
.027
(0.68)
.012
(0.30)
.285
(7.23)
.236
(5.99)
“
B”
.028
(0.71)
.
.177
(4.49)
.
.177
± .004
(4.50
± 0.10)
.256
± .012
(6.50
± 0.30)
.128
± .006
(3.25
± 0.15)
.039
± .002 DIA
(1.00
± 0.05) TYP.
.236
(5.99)
.138
(3.50)
.142
(3.60)
Measure from
top of button
.138
(3.50)
.071
(1.80)
“
B”
“
A”
.027
(0.68)
.
.012
(0.30)
.311
(7.90)
TYP.
.236
(5.99)
FSM1J
WITH
ESD
TERMINAL
FSM2J
WITHOUT
ESD
TERMINAL
6 x 6 mm
6 x 6 mm
BLANK= 160g STD.
A = 260 g
AA = 520 g
L = 100 g
BLANK= STD.
H= HIGH TEMP.
ACTUATOR OPT.
1-8 ONLY
Pg. E5
Actuator
Length
J
Actuator
Force
Temp.
Model
FSM
PART NUMBERING SEQUENCE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com