Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1277CSW Datasheet(PDF) 18 Page - Linear Integrated Systems

Part # LTC1277CSW
Description  12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1277CSW Datasheet(HTML) 18 Page - Linear Integrated Systems

Back Button LTC1277CSW Datasheet HTML 12Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 13Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 14Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 15Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 16Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 17Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 18Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 19Page - Linear Integrated Systems LTC1277CSW Datasheet HTML 20Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1274/LTC1277
S
APPLICATI
I FOR ATIO
Figure 15. Mode 2. CONVST Starts a Conversion. Data is Read by RD
CONVST
BUSY
RD
LTC1274/77 • F15
t17
t4
t5
t11
t16
CS = 0
HBEN (LTC1277)
DATA N
DB11 TO DB0
DATA N
DB11 TO DB8
DATA N
DB7 TO DB0
LTC1274 DATA
LTC1277 DATA
t8
t9
tCONV
t12
(SAMPLE N)
(SAMPLE N + 1)
t10
t7
Figure 14. Mode 1b. CONVST Starts a Conversion. Data Outputs Always Enabled
(CONVST =
)
DATA (N – 1)
DB11 TO DB0
CONVST
BUSY
LTC1274/77 • F14
t12
t16
t5
t5
CS = RD = 0
HBEN (LTC1277)
DATA N
DB11 TO DB0
DATA (N – 1)
DB11 TO DB8
DATA (N – 1)
DB7 TO DB0
DATA N
DB7 TO DB0
DATA N
DB7 TO DB0
DATA (N + 1)
DB7 TO DB0
DATA N
DB11 TO DB8
DATA (N – 1)
DB7 TO DB0
DATA (N + 1)
DB11 TO DB0
LTC1274 DATA
LTC1277 DATA
t7
tCONV
(SAMPLE N)
t6
t15
(SAMPLE N + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com