Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2986IMM-3.3 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2986IMM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IMM-3.3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2986IMM-3.3 Datasheet HTML 2Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 3Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 4Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 5Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 6Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 7Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 8Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 9Page - Texas Instruments LP2986IMM-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LP2986
SNVS137H – MARCH 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, S/D is tied to VIN, VIN = VO(NOM) + 1V, IL = 1 mA.
VOUT vs Temperature
Dropout Voltage vs Temperature
Figure 4.
Figure 5.
Dropout Voltage vs Load Current
Dropout Characteristics
Figure 6.
Figure 7.
Ground Pin Current vs
Ground Pin Current
Temperature and Load
vs Load Current
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com