Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2986IMMX-3.3 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP2986IMMX-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Fixed or Adjustable Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2986IMMX-3.3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2986IMMX-3.3 Datasheet HTML 3Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 4Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 5Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 6Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 7Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 8Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 9Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 10Page - Texas Instruments LP2986IMMX-3.3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LP2986
www.ti.com
SNVS137H – MARCH 1999 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C, COUT = 4.7 µF, CIN = 2.2 µF, S/D is tied to VIN, VIN = VO(NOM) + 1V, IL = 1 mA.
Input Current vs VIN
Input Current vs VIN
Figure 10.
Figure 11.
Load Transient Response
Load Transient Response
Figure 12.
Figure 13.
Line Transient Response
Line Transient Response
Figure 14.
Figure 15.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com