Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP38693MP-2.5 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38693MP-2.5
Description   500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693MP-2.5 Datasheet(HTML) 1 Page - Texas Instruments

  LP38693MP-2.5 Datasheet HTML 1Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 2Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 3Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 4Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 5Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 6Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 7Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 8Page - Texas Instruments LP38693MP-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LP38693
VIN
VOUT
SNS
**
GND
1 PF
*
1 PF
*
VOUT
VIN
VEN
VEN
LP38691
VIN
VOUT
SNS
**
GND
1 PF
*
1 PF
*
VOUT
VIN
LP38691, LP38693
www.ti.com
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
LP38691
LP38693 500mA Low Dropout CMOS Linear Regulators
Stable with Ceramic Output Capacitors
Check for Samples: LP38691, LP38693
1
FEATURES
DESCRIPTION
The LP38691/3 low dropout CMOS linear regulators
2
•
All WSON Options are Available as AEC-Q100
provide
tight
output
tolerance
(2.0%
typical),
Grade 1
extremely low dropout voltage (250 mV @ 500mA
•
2.0% Output Accuracy (25°C)
load
current,
VOUT = 5V), and excellent AC
•
Low Dropout Voltage: 250 mV @ 500mA (typ,
performance utilizing ultra low ESR ceramic output
capacitors.
5V out)
•
Wide Input Voltage Range (2.7V to 10V)
The low thermal resistance of the WSON, SOT-223
and PFM packages allow the full operating current to
•
Precision (Trimmed) Bandgap Reference
be
used
even
in
high
ambient
temperature
•
Ensured Specs for -40°C to +125°C
environments.
•
1µA Off-State Quiescent Current
The use of a PMOS power transistor means that no
•
Thermal Overload Protection
DC base drive current is required to bias it allowing
•
Foldback Current Limiting
ground
pin
current
to
remain
below
100
µA
regardless of load current, input voltage, or operating
•
PFM, SOT-223 and 6-Lead WSON Packages
temperature.
•
Enable Pin (LP38693)
Dropout Voltage: 250 mV (typ) @ 500mA (typ. 5V
out).
APPLICATIONS
•
Hard Disk Drives
Ground Pin Current: 55 µA (typ) at full load.
•
Notebook Computers
Precision Output Voltage: 2.0% (25°C) accuracy.
•
Battery Powered Devices
•
Portable Instrumentation
Typical Application Circuits
* Minimum value required for stability.
**WSON package devices only.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38693MP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693MP-2.5 NSC-LP38693MP-2.5 Datasheet
793Kb / 15P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693MP-2.5 TI-LP38693MP-2.5 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-2.5 TI-LP38693MP-2.5 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-2.5 TI1-LP38693MP-2.5 Datasheet
1Mb / 34P
Low-Dropout CMOS Linear Regulators Stable
LP38693MP-2.5/NOPB TI1-LP38693MP-2.5/NOPB Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693MP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693 NSC-LP38693 Datasheet
793Kb / 15P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com