Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0147BA02468S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0147BA02468S
Description  147 MHz SAW Filter 8 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0147BA02468S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0147BA02468S Datasheet HTML 1Page - API Technologies Corp SF0147BA02468S Datasheet HTML 2Page - API Technologies Corp SF0147BA02468S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
147 MHz SAW Filter
8 MHz Bandwidth
Part Number: SF0147BA02468S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0147BA02468S
Rev A
11-Mar-2010
ECN 36650
Page 1 of 3
DESCRIPTION
•
147 MHz SAW bandpass filter with 8 MHz bandwidth.
•
9 x 7 mm ceramic LCC.
•
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal:
Frequency :
20
MHz/div
Vertical from Top:
Relative Magnitude :
10
dB/div
Relative Magnitude :
1
dB/div
S11 (97-197 MHz)
S22 (97-197 MHz)


Similar Part No. - SF0147BA02468S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140BA01969T ICST-SF0140BA01969T Datasheet
210Kb / 2P
140.0 MHz Filter
logo
API Technologies Corp
SF0140BA01969T APITECH-SF0140BA01969T Datasheet
165Kb / 3P
140 MHz SAW Filter 43.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA01990S ICST-SF0140BA01990S Datasheet
249Kb / 2P
140 MHz Filter 24 MHz Bandwidth
logo
API Technologies Corp
SF0140BA01990S APITECH-SF0140BA01990S Datasheet
250Kb / 2P
140 MHz Filter 24 MHz Bandwidth
SF0140BA01992S APITECH-SF0140BA01992S Datasheet
168Kb / 3P
140 MHz SAW Filter 20 MHz Bandwidth
More results

Similar Description - SF0147BA02468S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0190BA03154S APITECH-SF0190BA03154S Datasheet
147Kb / 3P
190 MHz SAW Filter 8 MHz Bandwidth
SF0070CF51557T APITECH-SF0070CF51557T Datasheet
132Kb / 3P
70 MHz SAW Filter 8 MHz Bandwidth
SF0048BA02455S APITECH-SF0048BA02455S Datasheet
149Kb / 3P
48 MHz SAW Filter 8 MHz Bandwidth
SF0044BA01931S APITECH-SF0044BA01931S Datasheet
150Kb / 3P
44 MHz SAW Filter 8 MHz Bandwidth
SF0036BA11932S APITECH-SF0036BA11932S Datasheet
170Kb / 3P
36.15 MHz SAW Filter 8 MHz Bandwidth
SF0036BA02602T APITECH-SF0036BA02602T Datasheet
97Kb / 3P
36.125 MHz SAW Filter 8 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0948BA03155S SPECTRUM-SF0948BA03155S Datasheet
140Kb / 3P
948 MHz SAW Filter 8 MHz Bandwidth
SF1216BA02526S SPECTRUM-SF1216BA02526S Datasheet
80Kb / 4P
1216 MHz SAW Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0948BA03155S APITECH-SF0948BA03155S Datasheet
140Kb / 3P
948 MHz SAW Filter 8 MHz Bandwidth
SF1216BA02526S APITECH-SF1216BA02526S Datasheet
80Kb / 4P
1216 MHz SAW Filter 8 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com