Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0141CD11968S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0141CD11968S
Description  141 MHz SAW Filter 1.05 MHz Bandwidth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0141CD11968S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0141CD11968S Datasheet HTML 1Page - API Technologies Corp SF0141CD11968S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
141 MHz SAW Filter
1.05 MHz Bandwidth
Part Number SF0141CD11968S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0141CD11968S
Rev A
11-Mar-2010
ECN 36650
Page 1 of 2
TYPICAL PERFORMANCE
Horizontal: 1 MHz/div
Vertical (from top):
Magnitude
10
dB/div
Magnitude
1
dB/div
Group Delay Deviation
200
ns/div
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, Fc
1
141
MHz
Passband Width
2
1.05
MHz
Insertion Loss at Fc
11.8
14
dB
3.75 dB Bandwidth
1.18
1.43
MHz
40 dB Bandwidth
2.29
2.5
MHz
Stopband Rejection, 79.75 – 139.75 MHz & 142.25 MHz - 202.25 MHz
40
45
dB
Amplitude Ripple
3
0.8
1.0
dB p-p
Group Delay Ripple
3
125
300
ns p-p
Return Loss at Input and Output
3 5
8
12
dB
Phase Linearity
4
0.6
2.0
deg rms
Absolute Delay
2.34
2.39
2.54
µs
Source and Load Impedance
50
Ω
Operating Temperature Range
0
+85
° C
Notes:
1. Fixed reference. All specified bandwidths are centered at this frequency.
2. Defined bandwidth, centered at 141 MHz. Other parameters are specified over this bandwidth.
3. Over the passband.
4. Over 141 MHz +/- 630 kHz.
5. When matched using external components as described below.


Similar Part No. - SF0141CD11968S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0141CD11968S ICST-SF0141CD11968S Datasheet
180Kb / 2P
141 MHz Filter 1.05 MHz Bandwidth
Rev 1.1
More results

Similar Description - SF0141CD11968S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855395 TRIQUINT-855395 Datasheet
586Kb / 5P
141 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0141CD03092S ICST-SF0141CD03092S Datasheet
179Kb / 2P
141 MHz Filter 1.25 MHz Bandwidth
Rev X3
SF0141CD11968S ICST-SF0141CD11968S Datasheet
180Kb / 2P
141 MHz Filter 1.05 MHz Bandwidth
Rev 1.1
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
logo
API Technologies Corp
SF0167CD02292T APITECH-SF0167CD02292T Datasheet
131Kb / 3P
167.1 MHz SAW Filter 1.05 MHz Bandwidth
SF0141CD03092S APITECH-SF0141CD03092S Datasheet
157Kb / 3P
141 MHz SAW Filter 1.25 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1220BA02539S SPECTRUM-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1843BA02590S SPECTRUM-SF1843BA02590S Datasheet
79Kb / 3P
1842.5 MHz SAW Filter 75 MHz Bandwidth
logo
TriQuint Semiconductor
855395 TRIQUINT-855395_15 Datasheet
587Kb / 5P
141 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com