Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602PEF0VLL6R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5602PEF0VLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602PEF0VLL6R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5602PEF0VLL6R Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602PEF0VLL6R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5602P
Rev. 4.1, 09/2011
© Freescale Semiconductor, Inc., 2010-2011. All rights reserved.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MPC5602P
64 LQFP (10 mm x 10 mm)
100 LQFP (14 mm x 14 mm)
MPC5602P Microcontroller
Data Sheet
• Up to 64 MHz, single issue, 32-bit CPU core complex
(e200z0h)
– Compliant with Power Architecture embedded category
– Variable Length Encoding (VLE)
• Memory organization
– Up to 256 KB on-chip code flash memory with ECC and
erase/program controller
– Optional: additional 64 (4 × 16) KB on-chip data flash
memory with ECC for EEPROM emulation
– Up to 20 KB on-chip SRAM with ECC
• Fail-safe protection
– Programmable watchdog timer
– Non-maskable interrupt
– Fault collection unit
• Nexus L1 interface
• Interrupts and events
– 16-channel eDMA controller
– 16 priority level controller
– Up to 25 external interrupts
– PIT implements four 32-bit timers
– 120 interrupts are routed via INTC
• General purpose I/Os
– Individually programmable as input, output or special
function
– 37 on 64 LQFP
– 64 on 100 LQFP
• 1 general purpose eTimer unit
– 6 timers each with up/down capabilities
– 16-bit resolution, cascadeable counters
– Quadrature decode with rotation direction flag
– Double buffer input capture and output compare
• Communications interfaces
– Up to 2 LINFlex modules (1× Master/Slave, 1× Master
only)
– Up to 3 DSPI channels with automatic chip select
generation (up to 8/4/4 chip selects)
– 1 FlexCAN interface (2.0B Active) with 32 message
buffers
– 1 safety port based on FlexCAN with 32 message
buffers and up to 8 Mbit/s at 64 MHz capability usable
as second CAN when not used as safety port
• One 10-bit analog-to-digital converter (ADC)
– Up to 16 input channels (16 ch on 100 LQFP and 12 ch
on 64 LQFP)
– Conversion time < 1 µs including sampling time at full
precision
– Programmable Cross Triggering Unit (CTU)
– 4 analog watchdogs with interrupt capability
• On-chip CAN/UART bootstrap loader with Boot Assist
Module (BAM)
• 1 FlexPWM unit
– 8 complementary or independent outputs with ADC
synchronization signals
– Polarity control, reload unit
– Integrated configurable dead time unit and inverter fault
input pins
– 16-bit resolution
– Lockable configuration
• Clock generation
– 4–40 MHz main oscillator
– 16 MHz internal RC oscillator
– Software-controlled FMPLL capable of up to 64 MHz
• Voltage supply
– 3.3 V or 5 V supply for I/Os and ADC
– On-chip single supply voltage regulator with external
ballast transistor
• Operating temperature ranges: –40 to 125 °C or –40 to
105 °C


Similar Part No. - MPC5602PEF0VLL6R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5602PEF0VLL6R NXP-MPC5602PEF0VLL6R Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
More results

Similar Description - MPC5602PEF0VLL6R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5602P NXP-MPC5602P Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com