Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F1010 Datasheet(PDF) 80 Page - Microchip Technology

Part # DSPIC30F1010
Description  dsPIC30F1010/202X Data Sheet
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F1010 Datasheet(HTML) 80 Page - Microchip Technology

Back Button DSPIC30F1010 Datasheet HTML 76Page - Microchip Technology DSPIC30F1010 Datasheet HTML 77Page - Microchip Technology DSPIC30F1010 Datasheet HTML 78Page - Microchip Technology DSPIC30F1010 Datasheet HTML 79Page - Microchip Technology DSPIC30F1010 Datasheet HTML 80Page - Microchip Technology DSPIC30F1010 Datasheet HTML 81Page - Microchip Technology DSPIC30F1010 Datasheet HTML 82Page - Microchip Technology DSPIC30F1010 Datasheet HTML 83Page - Microchip Technology DSPIC30F1010 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 286 page
background image
dsPIC30F1010/202X
DS70178C-page 78
Preliminary
© 2006 Microchip Technology Inc.
6.2
Configuring Analog Port Pins
The use of the ADPCFG and TRIS registers control the
operation of the A/D port pins. The port pins that are
desired as analog inputs must have their correspond-
ing TRIS bit set (input). If the TRIS bit is cleared
(output), the digital output level (VOH or VOL) will be
converted.
When reading the PORT register, all pins configured as
analog input channel will read as cleared (a low level).
Pins configured as digital inputs will not convert an ana-
log input. Analog levels on any pin that is defined as a
digital input (including the ANx pins), may cause the
input buffer to consume current that exceeds the
device specifications.
6.2.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port
direction change or port write operation and a read
operation of the same port. Typically this instruction
would be a NOP.
EXAMPLE 6-1:
PORT WRITE/READ
EXAMPLE
6.3
Input Change Notification
The input change notification function of the I/O ports
allows the dsPIC30F1010/202X devices to generate
interrupt requests to the processor in response to a
change-of-state on selected input pins. This feature is
capable of detecting input change-of-states even in
Sleep mode, when the clocks are disabled. There are
8 external signals (CN0 through CN7) that can be
selected (enabled) for generating an interrupt request
on a change-of-state.
There are two control registers associated with the CN
module. The CNEN1 register contain the CN interrupt
enable (CNxIE) control bits for each of the CN input
pins. Setting any of these bits enables a CN interrupt
for the corresponding pins.
Each CN pin also has a weak pull-up connected to it.
The pull-ups act as a current source that is connected
to the pin and eliminate the need for external resistors
when push button or keypad devices are connected.
The pull-ups are enabled separately using the CNPU1
register, which contain the weak pull-up enable (CNx-
PUE) bits for each of the CN pins. Setting any of the
control bits enables the weak pull-ups for the
corresponding pins.
MOV 0xFF00, W0; Configure PORTB<15:8>
; as inputs
MOV W0, TRISBB; and PORTB<7:0> as outputs
NOP
; Delay 1 cycle
BTSS PORTB, #13; Next Instruction
Note: Pull-ups on change notification pins should
always be disabled whenever the port pin is
configured as a digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com