| Electronic Components Datasheet Search |
|
AT6002A-2AI Datasheet(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT6002A-2AI Datasheet(HTML) 16 Page - ATMEL Corporation |
|
16 / 28 page ![]() AT6000(LV) Series 16 Notes: 1. PWR = Pins connected to power plane = F1, E4/E5, L2, R4, K15, L12, E14, A12. 2. GND = Pins connected to ground plane = L4, M4, N9, N10, E12, D12, C7, C6. 3. 85 = Pin 85 on AT6005. 4. 85 = Pin 85 on AT6003 and AT6010. I/O57(B) I/O71(B) I/O64(A) I/O123(A) - - 105 96 G13 137 157 - - - I/O122(B) - - - - - 138 158 I/O56(A) I/O70(A) I/O63(A) I/O121(A) 69 68 106 97 F13 139 159 I/O55(B) I/O69(B) I/O62(A) I/O120(A) - 69 107 98 E13 140 160 - - - I/O119(A) - - - - D13 141 161 - - - I/O118(B) - - - - - - 162 I/O54(A) I/O68(A) I/O61(A) I/O117(A) 70 70 108 99 C13 142 163 - I/O67(B) I/O60(A) I/O116(A) - - 109 100 G14 143 164 - - - I/O115(A) - - - - F14 144 165 GND GND GND GND - - 110 101 GND (2) 145 166 - - - VSS -- -- GND (2) 146 167 - - - I/O114(B) - - - - - - 168 I/O53(A) I/O66(A) I/O59(A) I/O113(A) 71 71 111 102 D14 147 169 I/O52(B) I/O65(B) I/O58(A) I/O112(A) - 72 112 103 C14 148 170 - - - I/O111(A) - - - - B14 149 171 - - - I/O110(B) - - - - - - 172 I/O51(A) I/O64(A) I/O57(A) I/O109(A) 72 73 113 104 G15 150 173 I/O50(B) I/O63(A) I/O56(A) I/O108(A) - - 114 105 F15 151 174 - - - I/O107(A) - - - - E15 152 175 - - - I/O106(B) - - - - - - 176 - I/O62(B) - I/O105(A) - - - 106 D15 153 177 I/O49(A) I/O61(A) I/O55(A) I/O104(A) 73 74 115 107 C15 154 178‘ - - - I/O103(A) - - - - B15 155 179 M2 M2 M2 M2 74 75 116 108 A15 156 180 Pinout Assignment (Continued) Right Side (Bottom to Top) AT6002 AT6003 AT6005 AT6010 84 PLCC 100 VQFP 132 PQFP 144 TQFP 180 CPGA 208 PQFP 240 PQFP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |