Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT49F001N-55VC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49F001N-55VC
Description  1-Megabit 128K x 8 5-volt Only Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001N-55VC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F001N-55VC Datasheet HTML 5Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 6Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 7Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 8Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 9Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 10Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 11Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 12Page - ATMEL Corporation AT49F001N-55VC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AT49F001(N)(T)
9
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1.
OE must be high only when WE and CE are both low.
2.
For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased.
(See note 4 under command definitions.)
3.
For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte Programming Time
10
50
µs
t
AS
Address Set-up Time
0
ns
t
AH
Address Hold Time
50
ns
t
DS
Data Set-up Time
50
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
90
ns
t
WPH
Write Pulse Width High
90
ns
t
EC
Erase Cycle Time
10
seconds
OE
PROGRAM CYCLE
INPUT
DATA
ADDRESS
A0
55
5555
5555
AA
2AAA
tBP
tWPH
tWP
CE
WE
A0-A16
DATA
tAS
tAH
tDH
tDS
OE
(1)
AA
80
Note 3
55
55
5555
5555
Note 2
AA
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
2AAA
2AAA
tWPH
tWP
CE
WE
A0-A16
DATA
tAS
tAH
tEC
tDH
tDS
5555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com