Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT49F080T-15RC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49F080T-15RC
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F080T-15RC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F080T-15RC Datasheet HTML 4Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 5Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 6Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 7Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 8Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 9Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 10Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 11Page - ATMEL Corporation AT49F080T-15RC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT49F080/080T
9
Notes:
1. These parameters are characterized and not 100% tested
2. See tOE spec in AC Read Characteristics.
Data Polling Waveforms
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Toggle Bit Waveforms(1)(2)(3)
Notes:
1.
Toggling either OE or CE or both OE and CE will operate toggle bit. The tOEHP specification must be met by the toggling
input(s).
2.
Beginning and ending state of I/O6 will vary.
3.
Any address location may be used but the address should not vary.
Data Polling Characteristics(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay(2)
ns
tWR
Write Recovery Time
0
ns
Toggle Bit Characteristics(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay(2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns
CE
OE
I/O7
tOE
WE
tDH
An
tOEH
tWR
A0-A19
An
An
An
An
HIGH Z
CE
OE
I/O6
tOE
WE
tDH
tOEHP
HIGH Z
tOEH
tWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com