Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT6003-2AC Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT6003-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6003-2AC Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT6003-2AC Datasheet HTML 20Page - ATMEL Corporation AT6003-2AC Datasheet HTML 21Page - ATMEL Corporation AT6003-2AC Datasheet HTML 22Page - ATMEL Corporation AT6003-2AC Datasheet HTML 23Page - ATMEL Corporation AT6003-2AC Datasheet HTML 24Page - ATMEL Corporation AT6003-2AC Datasheet HTML 25Page - ATMEL Corporation AT6003-2AC Datasheet HTML 26Page - ATMEL Corporation AT6003-2AC Datasheet HTML 27Page - ATMEL Corporation AT6003-2AC Datasheet HTML 28Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AT6000(LV) Series
24
Ordering Information – AT6002
Usable
Gates
Speed
Grade (ns)
Ordering Code
Package
Operation Range
6,000
2
AT6002-2AC
AT6002A-2AC
AT6002-2JC
AT6002-2QC
100A
144A
84J
132Q
5V Commercial
(0
°C to 70°C)
AT6002-2AI
AT6002A-2AI
AT6002-2JI
AT6002-2QI
100A
144A
84J
132Q
5V Industrial
(-40
°C to 85°C)
6,000
4
AT6002-4AC
AT6002A-4AC
AT6002-4JC
AT6002-4QC
100A
144A
84J
132Q
5V Commercial
(0
°C to 70°C)
AT6002LV-4AC
AT6002ALV-4AC
AT6002LV-4JC
AT6002LV-4QC
100A
144A
84J
132Q
3.3V Commercial
(0
°C to 70°C)
AT6002-4AI
AT6002A-4AI
AT6002-4JI
AT6002-4QI
100A
144A
84J
132Q
5V Industrial
(-40
°C to 85°C)
Package Type
84J
84-lead, Plastic J-leaded Chip Carrier (PLCC)
100A
100-lead, Very Thin (1.0 mm) Plastic Gull-Wing Quad Flat Package (VQFP)
132Q
132-lead, Bumpered Plastic Gull-Wing Quad Flat Package (BQFP)
144A
144-lead, Thin (1.4 mm) Plastic Gull-Wing Quad Flat Package (TQFP)
208Q
208-lead, Plastic Gull-Wing Quad Flat Package (PQFP)
240Q
240-lead, Plastic Gull-Wing Quad Flat Package (PQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com