Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL1220S-R12-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL1220S-R12-F
Description  Low resistance chip resistors (short side terminal)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL1220S-R12-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL1220S-R12-F Datasheet HTML 1Page - List of Unclassifed Manufacturers RL1220S-R12-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
Components
Low resistance chip resistors (short side terminal)
Power derating characteristics
Power derating curve
100
50
0
Ambient temperature ℃
−55
0
70
125
200
150
50
100
0
0.001
0.01
0.1
1
10
Pulse duration(seconds)
RL7520W-R10
RL3264-R050
RL7520-R10
RL3720-R075
RL1632-R050
RL1220-R10
Resistance to power pulse
Part numbering system
Test procedure
Voltage pulse is applied to the test samples mounted on the
test board.
After each pulse, resistance drift is measured. Pulse voltage
is increased until the drift exceeds +/-0.5%. The power at
that voltage is defined as the maximum pulse power.
Series name
RL3264
Power
1W
E series offered
Standard stock item:E-24series E-12series
Resistance range(Ω)
0.01〜0.015
0.018〜0.022
0.027
0.033〜0.047
0.056〜0.47
Resistance
tolerance
(%)
±0.1(B)
ー
ー
ー
ー
ー
±0.5(D)
ー
ー
ー
ー
ー
±1.0(F)
ー
ー
○
○
○
±2.0(G)
○
○
○
○
○
±5.0(J)
ー
ー
ー
ー
ー
Temperature
coefficient of
resistance(ppm/℃)
0~ +100(R)
ー
ー
ー
ー
○
0~ +200(S)
ー
ー
ー
○
ー
0~ +350(T)
ー
○
○
ー
ー
0~ +500(T)
○
ー
ー
ー
ー
Maximum voltage
(P・R)
Operating temperature
−55〜125℃
Packaging
5,000pcs
○
RL
S 1R0
Resistance tolerance
Temperature coefficient of resistance
Size
Series code
Resistance value 1R0=1.0Ω(0.09ΩV以下はR0**)
          RL1632, RL3264は4digit
〈Old name〉
〈New name〉
1220
F
-
-
RP
S 1R0
2012
F
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com