Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT6005-2AC Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT6005-2AC
Description  Coprocessor Field Programmable Gate Arrays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6005-2AC Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT6005-2AC Datasheet HTML 11Page - ATMEL Corporation AT6005-2AC Datasheet HTML 12Page - ATMEL Corporation AT6005-2AC Datasheet HTML 13Page - ATMEL Corporation AT6005-2AC Datasheet HTML 14Page - ATMEL Corporation AT6005-2AC Datasheet HTML 15Page - ATMEL Corporation AT6005-2AC Datasheet HTML 16Page - ATMEL Corporation AT6005-2AC Datasheet HTML 17Page - ATMEL Corporation AT6005-2AC Datasheet HTML 18Page - ATMEL Corporation AT6005-2AC Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AT6000(LV) Series
15
Pinout Assignment
Right Side (Bottom to Top)
AT6002
AT6003
AT6005
AT6010
84
PLCC
100
VQFP
132
PQFP
144
TQFP
180
CPGA
208
PQFP
240
PQFP
-
-
-
I/O153(A)
-
-
-
-
P15
105
121
I/O72(A)
I/O90(A)
I/O81(A)
I/O152(A)
54
51
84
73
N15
106
122
-
I/O89(B)
I/O80(A)
I/O151(A)
-
-
85
(3)
74
M15
107
123
-
-
-
I/O150(B)
-
-
-
-
-
-
124
-
-
-
VCC
--
--
PWR(1)
108
125
-
-
-
I/O149(A)
-
-
-
-
L15
109
126
-
-
-
GND
--
--
GND
(2)
110
127
-
I/O88(A)
-
I/O148(A)
-
-
85(4)
75
J15
111
128
I/O71(A)
I/O87(A)
I/O79(A)
I/O147(A)
55
52
86
76
H15
112
129
-
-
-
I/O146(B)
-
-
-
-
-
-
130
-
-
-
I/O145(A)
-
-
-
-
N14
113
131
I/O70(B)
I/O86(A)
I/O78(A)
I/O144(A)
-
-
87
77
M14
114
132
I/O69(A)
I/O85(A)
I/O77(A)
I/O143(A)
56
53
88
78
L14
115
133
-
-
-
I/O142(B)
-
-
-
-
-
-
134
-
-
-
I/O141(A)
-
-
-
-
K14
116
135
I/O68(B)
I/O84(B)
I/O76(A)
I/O140(A)
-
54
89
79
J14
117
136
I/O67(A)
I/O83(A)
I/O75(A)
I/O139(A)
57
55
90
80
H14
118
137
-
-
-
I/O138B
-
-
-
-
-
-
138
I/O66(B)
I/O82(B)
I/O74(A)
I/O137(A)
-
-
91
81
M13
119
139
I/O65(A)
I/O81(A)
I/O73(A)
I/O136(A)
58
56
92
82
L13
120
140
I/O64(B)
I/O80(B)
I/O72(A)
I/O135(A)
-
57
93
83
K13
121
141
-
-
-
I/O134(B)
-
-
-
-
-
122
142
I/O63(A)
I/O79(A)
I/O71(A
I/O133(A)
59
58
94
84
J13
123
143
-
I/O78(B)
I/O70(A)
I/O132(A)
-
-
95
85
H13
124
144
GND
GND
GND
GND
60
59
96
86
GND
(2)
125
145
VSS
VSS
VSS
VSS
61
60
97
87
GND(2)
126
146
I/O62(A)
I/O77(A)
I/O69(A)
I/O131(A)
62
61
98
88
K12
127
147
-
-
-
I/O130(B)
-
-
-
-
-
128
148
-
I/O76(B)
-
I/O129(A)
-
-
-
89
J12
129
149
I/O61(A)
I/O75(A)
I/O68(A)
I/O128(A)
63
62
99
90
H12
130
150
I/O60(B)
I/O74(A)
I/O67(A)
I/O127(A)
64
63
100
91
H11
131
151
-
-
-
I/O126(B)
-
-
-
-
-
132
152
I/O59(A)
I/O73(A)
I/O66(A)
I/O125(A)
65
64
101
92
G12
133
153
I/O58(A)
I/O72(A)
I/O65(A)
I/O124(A)
66
65
102
93
F12
134
154
VDD
VDD
VDD
VDD
67
66
103
94
PWR
(1)
135
155
VCC
VCC
VCC
VCC
68
67
104
95
PWR
(1)
136
156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com