Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4PC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 5Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 6Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 7Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 9Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 10Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 11Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 12Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AT90S/LS2333 and AT90S/LS4433
11
Ordering Information
Power Supply
Speed (MHz)
Ordering Code
Package
Operation Range
2.7 - 6.0V
4
AT90LS2333-4AC
AT90LS2333-4PC
32A
28P3
Commercial
(0
°C to 70°C)
AT90LS2333-4AI
AT90LS2333-4PI
32A
28P3
Industrial
(-40
°C to 85°C)
4.0 - 6.0V
8
AT90S2333-8AC
AT90S2333-8PC
32A
28P3
Commercial
(0
°C to 70°C)
AT90S2333-8AI
AT90S2333-8PI
32A
28P3
Industrial
(-40
°C to 85°C)
2.7 - 6.0V
4
AT90LS4433-4AC
AT90LS4433-4PC
32A
28P3
Commercial
(0
°C to 70°C)
AT90LS4433-4AI
AT90LS4433-4PI
32A
28P3
Industrial
(-40
°C to 85°C)
4.0 - 6.0V
8
AT90S4433-8AC
AT90S4433-8PC
32A
28P3
Commercial
(0
°C to 70°C)
AT90S4433-8AI
AT90S4433-8PI
32A
28P3
Industrial
(-40
°C to 85°C)
Package Type
28P3
28-lead, 0.300” Wide, Plastic Dual in Line Package (PDIP)
32A
32-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com