Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS8535-4PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90LS8535-4PC
Description  8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90LS8535-4PC Datasheet HTML 1Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 2Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 3Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 4Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 5Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 6Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 7Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 8Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AT90S/LS4434 and AT90S/LS8535
4
Figure 1. Oscillator Connections
Figure 2. External Clock Drive Configuration
Architectural Overview
The fast-access register file concept contains 32 x 8-bit
general purpose working registers with a single clock cycle
access time. This means that during one single clock cycle,
one Arithmetic Logic Unit (ALU) operation is executed. Two
operands are output from the register file, the operation is
executed, and the result is stored back in the register file -
in one clock cycle.
Six of the 32 registers can be used as three 16-bits indirect
address register pointers for Data Space addressing -
enabling efficient address calculations. One of the three
address pointers is also used as the address pointer for the
constant table look up function. These added function reg-
isters are the 16-bits X-register, Y-register and Z-register.
Figure 3. The AT90S4434/8535
AVR Enhanced RISC Architecture
2K/4K X 16
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
Interrupt
Unit
SPI
Unit
8-bit
Timer/Counter
Watchdog
Timer
Analog to Digital
Converter
Analog
Comparator
32
I/O Lines
256/512 x 8
EEPROM
Data Bus 8-bit
AVR AT90S4434/8535 Architecture
Serial
UART
16-bit
Timer/Counter
with PWM
8-bit
Timer/Counter
with PWM
256/512 x 8
Data
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com