Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP23009TEP Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP23009TEP
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23009TEP Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP23009TEP Datasheet HTML 5Page - Microchip Technology MCP23009TEP Datasheet HTML 6Page - Microchip Technology MCP23009TEP Datasheet HTML 7Page - Microchip Technology MCP23009TEP Datasheet HTML 8Page - Microchip Technology MCP23009TEP Datasheet HTML 9Page - Microchip Technology MCP23009TEP Datasheet HTML 10Page - Microchip Technology MCP23009TEP Datasheet HTML 11Page - Microchip Technology MCP23009TEP Datasheet HTML 12Page - Microchip Technology MCP23009TEP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 9
MCP23009/MCP23S09
1.4
Multi-bit Address Decoder
The ADDR pin is used to set the slave address of the
MCP23009 (I2C only) to allow up to eight devices on
the bus using only a single pin. Typically, this would
require three pins.
The multi-bit Address Decoder employs a basic FLASH
ADC architecture (Figure 1-4). The seven comparators
generate 8 unique values based on the analog input.
This value is converted to a 3-bit code which
corresponds to the address bits (A2, A1, A0) in the
serial OPCODE.
Sequence
of
Operation
(see
Figure 1-5
for
timings):
1.
Upon power up (after VDD stabilizes) the module
becomes active after time tADEN. Note, the
analog value on the ADDR pin must be stable
before this point to ensure accurate address
assignment.
2.
The 3-bit address is latched after tADDRLAT.
3.
The module powers down after the first rising
edge of the serial clock is detected (tADDIS).
Once the address bits are latched, the device will keep
the slave address until a POR or reset condition
occurs.
1.4.1
CALCULATING VOLTAGE ON ADDR
When calculating the required voltage on the ADDR pin
(V2), the set point should be the mid-point of the LSb of
the ADC.
The examples in Figure 1-2 and Figure 1-3 show how
to determine the mid point voltage (V2) and the range
of voltages based on a voltage divider circuit. The
maximum
tolerance
is
20%,
however,
it
is
recommended to use 5% tolerance worst case (10%
total tolerance).
FIGURE 1-2:
VOLTAGE DIVIDER EXAMPLE
R2
A0
A1
A2
V2
R1
VDD
MCP23009 Only
VDD
VSS
VSS
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com