Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54-LP Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16C54-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LP Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16C54-LP Datasheet HTML 75Page - Microchip Technology PIC16C54-LP Datasheet HTML 76Page - Microchip Technology PIC16C54-LP Datasheet HTML 77Page - Microchip Technology PIC16C54-LP Datasheet HTML 78Page - Microchip Technology PIC16C54-LP Datasheet HTML 79Page - Microchip Technology PIC16C54-LP Datasheet HTML 80Page - Microchip Technology PIC16C54-LP Datasheet HTML 81Page - Microchip Technology PIC16C54-LP Datasheet HTML 82Page - Microchip Technology PIC16C54-LP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 77
PIC16C5X
FIGURE 12-4:
RESET, WATCHDOG TIMER, AND DEVICE RESET TIMER TIMING -
PIC16C54/55/56/57
TABLE 12-3:
RESET, WATCHDOG TIMER, AND DEVICE RESET TIMER - PIC16C54/55/56/57
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0°C
≤ TA ≤ +70°C for commercial
–40°C
≤ TA ≤ +85°C for industrial
–40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
100*
——ns
VDD = 5.0V
31
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
9.0*
18*
30*
ms
VDD = 5.0V (Comm)
32
TDRT
Device Reset Timer Period
9.0*
18*
30*
ms
VDD = 5.0V (Comm)
34
TioZ
I/O Hi-impedance from MCLR Low
—
—
100*
ns
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
VDD
MCLR
Internal
POR
DRT
Time-out
Internal
RESET
Watchdog
Timer
Reset
32
31
34
I/O pin
32
32
34
(Note 1)
30
Note
1: Please refer to Figure 12-1 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com