Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54T-LP Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16C54T-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-LP Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16C54T-LP Datasheet HTML 23Page - Microchip Technology PIC16C54T-LP Datasheet HTML 24Page - Microchip Technology PIC16C54T-LP Datasheet HTML 25Page - Microchip Technology PIC16C54T-LP Datasheet HTML 26Page - Microchip Technology PIC16C54T-LP Datasheet HTML 27Page - Microchip Technology PIC16C54T-LP Datasheet HTML 28Page - Microchip Technology PIC16C54T-LP Datasheet HTML 29Page - Microchip Technology PIC16C54T-LP Datasheet HTML 30Page - Microchip Technology PIC16C54T-LP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 25
PIC16C5X
6.0
MEMORY ORGANIZATION
PIC16C5X memory is organized into program memory
and data memory. For devices with more than 512
bytes of program memory, a paging scheme is used.
Program memory pages are accessed using one or two
STATUS Register bits. For devices with a data memory
register file of more than 32 registers, a banking
scheme is used. Data memory banks are accessed
using the File Selection Register (FSR).
6.1
Program Memory Organization
The PIC16C54, PIC16CR54 and PIC16C55 have a 9-
bit Program Counter (PC) capable of addressing a 512
x 12 program memory space (Figure 6-1). The
PIC16C56 and PIC16CR56 have a 10-bit Program
Counter (PC) capable of addressing a 1K x 12 program
memory
space
(Figure 6-2).
The
PIC16CR57,
PIC16C58 and PIC16CR58 have an 11-bit Program
Counter capable of addressing a 2K x 12 program
memory space (Figure 6-3). Accessing a location
above the physically implemented address will cause a
wraparound.
A NOP at the RESET vector location will cause a restart
at location 000h. The RESET vector for the PIC16C54,
PIC16CR54 and PIC16C55 is at 1FFh. The RESET
vector for the PIC16C56 and PIC16CR56 is at 3FFh.
The RESET vector for the PIC16C57, PIC16CR57,
PIC16C58,
and
PIC16CR58
is
at
7FFh.
See
Section 6.5 for additional information using CALL and
GOTO
instructions.
FIGURE 6-1:
PIC16C54/CR54/C55
PROGRAM MEMORY MAP
AND STACK
FIGURE 6-2:
PIC16C56/CR56
PROGRAM MEMORY MAP
AND STACK
FIGURE 6-3:
PIC16C57/CR57/C58/
CR58 PROGRAM
MEMORY MAP AND
STACK
PC<8:0>
Stack Level 1
Stack Level 2
CALL, RETLW
9
000h
1FFh
RESET Vector
0FFh
100h
On-chip
Program
Memory
PC<9:0>
Stack Level 1
Stack Level 2
10
000h
1FFh
RESET Vector
0FFh
100h
On-chip Program
Memory (Page 0)
On-chip Program
Memory (Page 1)
200h
2FFh
300h
3FFh
CALL, RETLW
PC<10:0>
Stack Level 1
Stack Level 2
11
000h
1FFh
RESET Vector
0FFh
100h
On-chip Program
Memory (Page 0)
On-chip Program
Memory (Page 1)
On-chip Program
Memory (Page 2)
On-chip Program
Memory (Page 3)
200h
3FFh
2FFh
300h
400h
5FFh
4FFh
500h
600h
7FFh
6FFh
700h
CALL, RETLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com